Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 488 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 488 Page - NEC

Back Button VR4102 Datasheet HTML 484Page - NEC VR4102 Datasheet HTML 485Page - NEC VR4102 Datasheet HTML 486Page - NEC VR4102 Datasheet HTML 487Page - NEC VR4102 Datasheet HTML 488Page - NEC VR4102 Datasheet HTML 489Page - NEC VR4102 Datasheet HTML 490Page - NEC VR4102 Datasheet HTML 491Page - NEC VR4102 Datasheet HTML 492Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 701 page
background image
CHAPTER 25 HSP (MODEM INTERFACE UNIT)
488
(4) HSPTOC and HSPMCLKD (0x0C00 0022: Index 3, Write)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
TOC3
TOC2
TOC1
TOC0
R/W
W
WW
WWW
W
W
RTCRST
Undefined
Undefined
Undefined
Undefined
0
0
0
0
Other resets
Undefined
Undefined
Undefined
Undefined
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
MCLKD4
MCLKD3
MCLKD2
MCLKD1
MCLKD0
R/W
W
WW
WWW
W
W
RTCRST
Undefined
Undefined
Undefined
1
1
1
1
0
Other resets
Undefined
Undefined
Undefined
1
1
1
1
0
Bit
Name
Function
D[15:12]
Reserved
Write 0 when writing.
D[11:8]
TOC[3:0]
High-order 4 bits of timeout count
D[7:5]
Reserved
Write 0 when writing.
D[4:0]
MCLKD[4:0]
HSPMCLK divisor to clock input
HSPMCLK frequency = 18.432 MHz / (MCLKD[4:0] + 2)
The upper byte of this register sets the timeout counter value and lower byte sets the HSPMCLK’s division ratio
when the INDEX number is 3.
TOC[3:0] is used to set the high-order four bits of the final count of the timeout counter. The timeout counter is a
12-bit counter and is incremented once for each interrupt signal that is not serviced. The low-order 8 bits are
automatically set to 0 when TOC[3:0] is set. When the specified timeout count value is reached, TO bit of
HSPSTS register is set to 1. The user is responsible for resetting the HSP core to prevent a system hang-up.
MCLKD[4:0] is used to set the division ratio when the 18.432-MHz clock supplied to HSPMCLK pin can be
output using a programmable division ratio. If MCLKD[4:0] is “0”, there is no clock division and the 18.432-MHz
clock is output. Note that an even number must be set to MCLKD[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com