Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 503 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 503 Page - NEC

Back Button VR4102 Datasheet HTML 499Page - NEC VR4102 Datasheet HTML 500Page - NEC VR4102 Datasheet HTML 501Page - NEC VR4102 Datasheet HTML 502Page - NEC VR4102 Datasheet HTML 503Page - NEC VR4102 Datasheet HTML 504Page - NEC VR4102 Datasheet HTML 505Page - NEC VR4102 Datasheet HTML 506Page - NEC VR4102 Datasheet HTML 507Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
503
26.2.5 RDR (0x0C00 0052)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
RDR7
RDR6
RDR5
RDR4
RDR3
RDR2
RDR1
RDR0
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7 to D0
RDR7 to 0
Receive FIFO
[Function]
This register is used to store the address from which data is read for the receive data store FIFO.
Up to 64- or 32-byte data (determined by bit 3 of FSR) is stored to the receive data store FIFO.
Receive data is used as follows.
(1) Write
During a frame data reception, the sequencer writes the receive data during the data transfer sequence, and the
write pointer is incremented.
If data is written when the unread data in the receive FIFO reaches the maximum volume, the receive overrun
error occurs and the current frame reception is ended.
The write pointer is not incremented.
After the receive FIFO is cleared, if the number of received frames is less than 7 frames, it is possible to
continue frame reception.
To receive 8 or more frames, read all the data and frames that are already received from the receive FIFO, then
clear the receive FIFO and restart reception.
(2) Read
Data is read from the receive data store FIFO while the IrDA is operating.
When a read operation is completed, the read pointer of the receive data store FIFO is incremented. However, it
is not incremented when the receive FIFO is empty.
When the number of read frames reaches the receive frame size, an interrupt occurs and bit 7 of the RXSTS
register is set to 1.
[Caution]
If data is read when the receive FIFO is empty (read pointer = write pointer), it may contend with the sequencer’s
write operation. This may cause undefined data.
The error generated by read underrun is not reported in this macro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com