Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 504 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 504 Page - NEC

Back Button VR4102 Datasheet HTML 500Page - NEC VR4102 Datasheet HTML 501Page - NEC VR4102 Datasheet HTML 502Page - NEC VR4102 Datasheet HTML 503Page - NEC VR4102 Datasheet HTML 504Page - NEC VR4102 Datasheet HTML 505Page - NEC VR4102 Datasheet HTML 506Page - NEC VR4102 Datasheet HTML 507Page - NEC VR4102 Datasheet HTML 508Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
504
26.2.6 IMR (0x0C00 0054)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
IMR7
IMR6
IMR5
IMR4
IMR3
IMR2
IMR1
IMR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7 to D0
IMR7 to 0
These bits are used to enable/prohibit interrupt output.
This register sets whether or not to inform outside when the interrupt is generated.
Each bit corresponds to the equivalent IFR register bit.
When interrupt output is enabled and corresponding bit is 1, interrupt output is
active.
IMRn
Interrupt output
0
1
Prohibit
Enable
[Caution]
The IFR register is set irrespective of this register’s setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com