Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 508 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 508 Page - NEC

Back Button VR4102 Datasheet HTML 504Page - NEC VR4102 Datasheet HTML 505Page - NEC VR4102 Datasheet HTML 506Page - NEC VR4102 Datasheet HTML 507Page - NEC VR4102 Datasheet HTML 508Page - NEC VR4102 Datasheet HTML 509Page - NEC VR4102 Datasheet HTML 510Page - NEC VR4102 Datasheet HTML 511Page - NEC VR4102 Datasheet HTML 512Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
508
26.2.9 CRCSR (0x0C00 005C)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
TX_EN
RX_EN
4PPM_DIS
DPLL_DIS
Reserved
NON_CRC
CRC_INV
DATA_INV
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
RTCRST
000
00
10
0
Other resets
0
0
0
0
0
1
0
0
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7
TX_EN
This bit is used to control (enable/prohibit) masking of transmit start enable flag.
Masking sequence transition to transmission enable state entered by writing the
TXFL register is:
0: Prohibited
1: Enabled
D6
RX_EN
This bit is used to control (enable/prohibit) receive operation.
Releasing masking of receive line, sampling data, and generating receive clocks are:
0: Prohibited
1: Enabled
D5
4PPM_DIS
This bit is used to control (enable/prohibit) the 4PPM modulation (for debugging).
The 4PPM modulation of transmit data is:
0: Enabled
1: Prohibited
D4
DPLL_DIS
This bit is used to control (enable/prohibit) the bit correction (for debugging).
Bit correction of received data is:
0: Enabled
1: Prohibited
D3
Reserved
Write 0 when writing. 0 is returned after a read.
D2
NON_CRC
This bit is used to control whether or not a CRC is added for frames to be transmitted
(for debugging).
0: Add CRC
1: Do not add CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com