Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 512 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 512 Page - NEC

Back Button VR4102 Datasheet HTML 508Page - NEC VR4102 Datasheet HTML 509Page - NEC VR4102 Datasheet HTML 510Page - NEC VR4102 Datasheet HTML 511Page - NEC VR4102 Datasheet HTML 512Page - NEC VR4102 Datasheet HTML 513Page - NEC VR4102 Datasheet HTML 514Page - NEC VR4102 Datasheet HTML 515Page - NEC VR4102 Datasheet HTML 516Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
512
26.2.12 DMACR (0x0C00 0062)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
ACES_MD
TRANS_MD
Reserved
Reserved
Reserved
DEMAND2
DEMAND1
DEMAND0
R/W
R/W
R/W
R
R
R
R/W
R/W
R/W
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7
ACES_MD
This bit is used to select the access mode. Write 0 when writing. 0 is returned
after a read.
D6
TRANS_MD
This bit is used to specify the transfer direction.
TRANS_MD
Transfer direction
0
1
Memory
o TDR
RDR
o Memory
D5 to D3
Reserved
Write 0 when writing. 0 is returned after a read.
D2 to D0
DEMAND2 to
These bits are used to specify the demand size.
DEMAND0
DEMAND2 to 0
Demand size
000
001
010
011
100
101
110
1
2
3
4
5
6
7
111
Free size
[Caution]
During the DMA operation (both the master side and IrDA side), the contents of this register must not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com