Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 513 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 513 Page - NEC

Back Button VR4102 Datasheet HTML 509Page - NEC VR4102 Datasheet HTML 510Page - NEC VR4102 Datasheet HTML 511Page - NEC VR4102 Datasheet HTML 512Page - NEC VR4102 Datasheet HTML 513Page - NEC VR4102 Datasheet HTML 514Page - NEC VR4102 Datasheet HTML 515Page - NEC VR4102 Datasheet HTML 516Page - NEC VR4102 Datasheet HTML 517Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
513
26.2.13 DMAER (0x0C00 0064)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
DMA_BUSY
DMA_EN
R/W
RRR
RR
RR
R/W
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to D2
Reserved
Write 0 when writing. 0 is returned after a read.
D1
DMA_BUSY
DMA busy status
1: Busy
0: Not Busy
D0
DMA_EN
This bit is used as a DMA operation enable trigger.
1: Enable
0: Disable
Note that the DMA is not stopped by clearing this bit (to 0).
[Function]
The DMA_BUSY bit is set automatically by setting the DMA_EN bit to 1.
The DMA_BUSY bit is cleared when bit 0 of the FSR register is set or when all frame transmit data is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com