Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 515 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 515 Page - NEC

Back Button VR4102 Datasheet HTML 511Page - NEC VR4102 Datasheet HTML 512Page - NEC VR4102 Datasheet HTML 513Page - NEC VR4102 Datasheet HTML 514Page - NEC VR4102 Datasheet HTML 515Page - NEC VR4102 Datasheet HTML 516Page - NEC VR4102 Datasheet HTML 517Page - NEC VR4102 Datasheet HTML 518Page - NEC VR4102 Datasheet HTML 519Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
515
26.2.15 RXIR (0x0C00 0068)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
RX_BUSY
END_DATA
LAST_RFL
RX_TH_O
Reserved
Reserved
RXF_FULL
RXF_EMP
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7
RX_BUSY
Reception busy.
This bit is set to 1 during the period between when PA (in FIR) or STA (in MIR) is
detected and when reception ends.
0: Not Busy
1: Busy
D6
END_DATA
Frame last data status.
This bit indicates whether the last data of frame that is received completely exists
or not in the FIFO.
0: Normal
1: Exists
D5
LAST_RFL
Last reception frame status.
This bit is set (to 1) when the reception result (frame size and status) of the 7th
frame is stored.
0: Normal
1: Result is stored
D4
RX_TH_O
Reception FIFO threshold over status.
This bit indicates whether or not the data size within the reception FIFO exceeds
the threshold.
0: Normal
1: Excesses
D3 and D2
Reserved
Write 0 when writing. 0 is returned after a read.
D1
RXF_FULL
Reception FIFO full status.
This bit indicates that there is no writable space in the reception FIFO.
0: Normal
1: No writable space
D0
RXF_EMP
Reception FIFO empty status.
This bit indicates whether or not data to be read exists in the reception FIFO.
0: Normal
1: Exists



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com