Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 519 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 519 Page - NEC

Back Button VR4102 Datasheet HTML 515Page - NEC VR4102 Datasheet HTML 516Page - NEC VR4102 Datasheet HTML 517Page - NEC VR4102 Datasheet HTML 518Page - NEC VR4102 Datasheet HTML 519Page - NEC VR4102 Datasheet HTML 520Page - NEC VR4102 Datasheet HTML 521Page - NEC VR4102 Datasheet HTML 522Page - NEC VR4102 Datasheet HTML 523Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
519
26.2.17 RXSTS (0x0C00 006C)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
Valid
Reserved
Reserved
RXF_OV
CRC_ERR
ABORT
MRXF_OV
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7
Valid
Valid status in the indication status.
This bit is set to 1 when received data of one frame is read completely.
0: Received data read not completed
1: Received data read completed
D6 and D5
Reserved
Write 0 when writing. 0 is returned after a read.
D4
RXF_OV
Receive FIFO overrun error.
This bit is set to 1 when a receive operation is stopped by receive FIFO’s overrun.
0: Normal
1: Overrun
D3
CRC_ERR
CRC Error.
This bit is set t o 1 when the receive result CRC does not match with expected
value.
0: Normal
1: CRC error
D2
ABORT
Abort detection error.
This bit is set to 1 when a receive operation is stopped by abort frame detection.
0: Normal
1: Abort error
D1
MRXF_OV
Maximum receive frame size error.
This bit is set to 1 when a receive operation is stopped by maximum receive frame
size overrun.
0: Normal
1: Overrun
D0
Reserved
Write 0 when writing. 0 is returned after a read.
[Function]
Reads data from the receive status store FIFO, in which data of up to 7 frames can be stored.
The FIFO is initialized by setting bit 1 of the FSR register.
Received status FIFO is used as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com