Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 521 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 521 Page - NEC

Back Button VR4102 Datasheet HTML 517Page - NEC VR4102 Datasheet HTML 518Page - NEC VR4102 Datasheet HTML 519Page - NEC VR4102 Datasheet HTML 520Page - NEC VR4102 Datasheet HTML 521Page - NEC VR4102 Datasheet HTML 522Page - NEC VR4102 Datasheet HTML 523Page - NEC VR4102 Datasheet HTML 524Page - NEC VR4102 Datasheet HTML 525Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
521
26.2.18 TXFL (0x0C00 006E)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
TXFL12
TXFL11
TXFL10
TXFL9
TXFL8
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
TXFL7
TXFL6
TXFL5
TXFL4
TXFL3
TXFL2
TXFL1
TXFL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D15 to
D13
Reserved
Write 0 when writing. 0 is returned after a read.
D12 to D0
TXFL12 to TXFL0
Transmit frame size.
[Function]
This register functions as prebuffer address for data write to the transmit frame size data store FIFO, in which
data of up to 7 frames can be stored.
Setting value = transmit size – 1
Setting range = 1 to 2 Kbytes
The FIFO is initialized by setting bit 2 of the FSR register.
(1) Write
The data transmit size of frames to be transferred is written to this register.
Transmission is enabled when data is written to this register in the state other than transmission busy state (after
FIFO initialization and after transmission completion).
The frames whose number is specified by this register are transferred continuously (back-to-back transfer).
During the single frame transfer, FIFO should be initialized at each 1-frame transfer completion to restart
transmit operation.
(2) Read
The sequencer reads the transmission size from this register after the STA flag of transmission frame is
transmitted completed. Then, the read pointer is incremented.
[Caution]
If data exists in the FIFO when the STO transmit sequence is completed, continuous transfer mode is entered.
When multiple frames are transferred, be sure to write data to the TXFL register before the STO transmit sequence
is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com