Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 525 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 525 Page - NEC

Back Button VR4102 Datasheet HTML 521Page - NEC VR4102 Datasheet HTML 522Page - NEC VR4102 Datasheet HTML 523Page - NEC VR4102 Datasheet HTML 524Page - NEC VR4102 Datasheet HTML 525Page - NEC VR4102 Datasheet HTML 526Page - NEC VR4102 Datasheet HTML 527Page - NEC VR4102 Datasheet HTML 528Page - NEC VR4102 Datasheet HTML 529Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 701 page
background image
525
CHAPTER 27 CPU INSTRUCTION SET DETAILS
This chapter provides a detailed description of the operation of each VR4102 instruction in both 32- and 64-bit
modes. The instructions are listed in alphabetical order.
27.1 INSTRUCTION NOTATION CONVENTIONS
In this chapter, all variable subfields in an instruction format (such as
rs, rt, immediate, etc.) are shown in
lowercase names.
For the sake of clarity, we sometimes use an alias for a variable subfield in the formats of specific instructions.
For example, we use
rs = base in the format for load and store instructions. Such an alias is always lower case,
since it refers to a variable subfield.
Figures with the actual bit encoding for all the mnemonics are located at the end of this chapter, and the bit
encoding also accompanies each instruction.
In the instruction descriptions that follow, the Operation section describes the operation performed by each
instruction using a high-level language notation. The VR4102 can operate as either a 32- or 64-bit microprocessor
and the operation for both modes is included with the instruction description.
Special symbols used in the notation are described in Table 27-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com