Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 527 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 527 Page - NEC

Back Button VR4102 Datasheet HTML 523Page - NEC VR4102 Datasheet HTML 524Page - NEC VR4102 Datasheet HTML 525Page - NEC VR4102 Datasheet HTML 526Page - NEC VR4102 Datasheet HTML 527Page - NEC VR4102 Datasheet HTML 528Page - NEC VR4102 Datasheet HTML 529Page - NEC VR4102 Datasheet HTML 530Page - NEC VR4102 Datasheet HTML 531Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
527
(1) Instruction notation examples
The following examples illustrate the application of some of the instruction notation conventions:
Example #1:
GPR [rt] <- immediate || 0
16
Sixteen zero bits are concatenated with an immediate value (typically 16 bits), and the 32-bit string (with
the lower 16 bits set to zero) is assigned to General-purpose register
rt.
Example #2:
(immediate15)
16 || immediate15...0
Bit 15 (the sign bit) of an immediate value is extended for 16 bit positions, and the result is concatenated
with bits 15 through 0 of the immediate value to form a 32-bit sign extended value.
27.2 LOAD AND STORE INSTRUCTIONS
In the VR4102 implementation, the instruction immediately following a load may use the loaded contents of the
register. In such cases, the hardware interlocks, requiring additional real cycles, so scheduling load delay slots is
still desirable, although not required for functional code.
In the load and store descriptions, the functions listed in Table 27-2 are used to summarize the handling of virtual
addresses and physical memory.
Table 27-2. Load and Store Common Functions
Function
Meaning
Address Translation
Uses the TLB to find the physical address given the virtual address.
The function fails and an
exception is taken if the required translation is not present in the TLB.
Load Memory
Uses the cache and main memory to find the contents of the word containing the specified physical
address. The low-order three bits of the address and the Access Type field indicate which of each
of the four bytes within the data word need to be returned. If the cache is enabled for this access,
the entire word is returned and loaded into the cache.
Store Memory
Uses the cache, write buffer, and main memory to store the word or part of word specified as data in
the word containing the specified physical address. The low-order three bits of the address and the
Access Type field indicate which of each of the four bytes within the data word should be stored.
As shown in Table 27-3, the Access Type field indicates the size of the data item to be loaded or stored.
Regardless of access type or byte-numbering order (endianness), the address specifies the byte which has the
smallest byte address in the addressed field. This is the rightmost byte in the VR4102 since it supports the little-
endian order only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com