Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 526 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 526 Page - NEC

Back Button VR4102 Datasheet HTML 522Page - NEC VR4102 Datasheet HTML 523Page - NEC VR4102 Datasheet HTML 524Page - NEC VR4102 Datasheet HTML 525Page - NEC VR4102 Datasheet HTML 526Page - NEC VR4102 Datasheet HTML 527Page - NEC VR4102 Datasheet HTML 528Page - NEC VR4102 Datasheet HTML 529Page - NEC VR4102 Datasheet HTML 530Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
526
Table 27-1. CPU Instruction Operation Notations
Symbol
Meaning
<-
Assignment.
||
Bit string concatenation.
x
y
Replication of bit value
x into a y-bit string. x is always a single-bit value.
xy:z
Selection of bits
y through z of bit string x. Little-endian bit notation is always used. If y is less
than
z, this expression is an empty (zero length) bit string.
+2’s complement or floating-point addition.
-2’s complement or floating-point subtraction.
*2’s complement or floating-point multiplication.
div
2’s complement integer division.
mod
2’s complement modulo.
/
Floating-point division.
<2’s complement less than comparison.
and
Bit-wise logical AND.
or
Bit-wise logical OR.
xor
Bit-wise logical XOR.
nor
Bit-wise logical NOR.
GPR [
x]
General-Register
x. The content of GPR [0] is always zero. Attempts to alter the content of
GPR [0] have no effect.
CPR [
z, x]
Coprocessor unit
z, general register x.
CCR [
z, x]
Coprocessor unit
z, control register x.
COC [
z]
Coprocessor unit
z condition signal.
BigEndianMem Big-endian mode as configured at reset (0 -> Little, 1 -> Big). Specifies the endianness of the
memory interface (see LoadMemory and StoreMemory), and the endianness of Kernel and
Supervisor mode execution.
However, this value is always 0 since the VR4102 supports the little endian order only.
ReverseEndian Signal to reverse the endianness of load and store instructions. This feature is available in
User mode only, and is effected by setting the RE bit of the Status register.
Thus,
ReverseEndian may be computed as (SR25 and User mode).
However, this value is always 0 since the VR4102 supports the little endian order only.
BigEndianCPU The endianness for load and store instructions (0 -> Little, 1 -> Big).
In User mode, this
endianness may be reversed by setting SR25.
Thus, BigEndianCPU may be computed as
BigEndianMem XOR ReverseEndian.
However, this value is always 0 since the VR4102 supports the little endian order only.
T +
i:
Indicates the time steps between operations. Each of the statements within a time step are
defined to be executed in sequential order (as modified by conditional and loop constructs).
Operations which are marked
T + i: are executed at instruction cycle i relative to the start of
execution of the instruction. Thus, an instruction which starts at time
j executes operations
marked T +
i: at time i + j. The interpretation of the order of execution between two instructions
or two operations which execute at the same time should be pessimistic; the order is not
defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com