Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 528 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 528 Page - NEC

Back Button VR4102 Datasheet HTML 524Page - NEC VR4102 Datasheet HTML 525Page - NEC VR4102 Datasheet HTML 526Page - NEC VR4102 Datasheet HTML 527Page - NEC VR4102 Datasheet HTML 528Page - NEC VR4102 Datasheet HTML 529Page - NEC VR4102 Datasheet HTML 530Page - NEC VR4102 Datasheet HTML 531Page - NEC VR4102 Datasheet HTML 532Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
528
Table 27-3. Access Type Specifications for Loads/Stores
Access Type Mnemonic
Value
Meaning
DOUBLEWORD
SEPTIBYTE
SEXTIBYTE
QUINTIBYTE
WORD
TRIPLEBYTE
HALFWORD
BYTE
7
6
5
4
3
2
1
0
8 bytes (64 bits)
7 bytes (56 bits)
6 bytes (48 bits)
5 bytes (40 bits)
4 bytes (32 bits)
3 bytes (24 bits)
2 bytes (16 bits)
1 byte (8 bits)
The bytes within the addressed doubleword which are used can be determined directly from the access type and
the three low-order bits of the address.
27.3 JUMP AND BRANCH INSTRUCTIONS
All jump and branch instructions have an architectural delay of exactly one instruction. That is, the instruction
immediately following a jump or branch (that is, occupying the delay slot) is always executed while the target
instruction is being fetched from storage. A delay slot may not itself be occupied by a jump or branch instruction;
however, this error is not detected and the results of such an operation are undefined.
If an exception or interrupt prevents the completion of a legal instruction during a delay slot, the hardware sets the
EPC register to point at the jump or branch instruction that precedes it. When the code is restarted, both the jump or
branch instructions and the instruction in the delay slot are reexecuted.
Because jump and branch instructions may be restarted after exceptions or interrupts, they must be restartable.
Therefore, when a jump or branch instruction stores a return link value, register
r31 (the register in which the link is
stored) may not be used as a source register.
Since instructions must be word-aligned, a Jump Register or Jump and Link Register instruction must use a
register which contains an address whose two low-order bits are zero. If these low-order bits are not zero, an
address exception will occur when the jump target instruction is subsequently fetched.
27.4 SYSTEM CONTROL COPROCESSOR (CP0) INSTRUCTIONS
There are some special limitations imposed on operations involving CP0 that is incorporated within the CPU.
Although load and store instructions to transfer data to/from coprocessors and to move control to/from coprocessor
instructions are generally permitted by the MIPS architecture, CP0 is given a somewhat protected status since it has
responsibility for exception handling and memory management.
Therefore, the move to/from coprocessor
instructions are the only valid mechanism for writing to and reading from the CP0 registers.
Several CP0 instructions are defined to directly read, write, and probe TLB entries and to modify the operating
modes in preparation for returning to User mode or interrupt-enabled states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com