Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 511 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 511 Page - NEC

Back Button VR4102 Datasheet HTML 507Page - NEC VR4102 Datasheet HTML 508Page - NEC VR4102 Datasheet HTML 509Page - NEC VR4102 Datasheet HTML 510Page - NEC VR4102 Datasheet HTML 511Page - NEC VR4102 Datasheet HTML 512Page - NEC VR4102 Datasheet HTML 513Page - NEC VR4102 Datasheet HTML 514Page - NEC VR4102 Datasheet HTML 515Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
511
26.2.11 MIRCR (0x0C00 0060)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
STA_LEN2
STA_LEN1
STA_LEN0
M_WIDTH4
M_WIDTH3
M_WIDTH2
M_WIDTH1
M_WIDTH0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
010
01
00
1
Other resets
0
1
0
0
1
0
0
1
Bit
Name
Function
D15 to D8
Reserved
Write 0 when writing. 0 is returned after a read.
D7 to D5
STA_LEN2 to
STA_LEN0
These bits are used to specify the number of STA (start flag) added to MIR’s transmit
frame.
STA_LEN2 to 0
Number of STA
001
010 (default)
011
100
111
1
2
4
16
32
Others
2 (reserved)
D4 to D0
M_WIDTH4 to
M_WIDTH0
These bits are used to specify the MIR pulse modulation width.
The MIR’s output pulse is modulated to a pulse consisting of the number of reference
clocks (48 MHz) specified by these bits.
F_WIDTH4 to 0
Single pulse
00000
00001
:
01001 (default)
:
10100
:
11111
1 clock
2 clocks
:
10 clocks
:
21 clocks
:
32 clocks
[Function]
Controls the MIR operation.
The nominal pulse width of MIR is 1/4. Therefore, be sure to set as follows:
MIR full mode (1.152 MHz) = 01001 (rate 10/42)
MIR half mode (0.576 MHz) = 10100 (rate 21/83)
[Caution]
During transmission/reception, the contents of this register must not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com