Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 509 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 509 Page - NEC

Back Button VR4102 Datasheet HTML 505Page - NEC VR4102 Datasheet HTML 506Page - NEC VR4102 Datasheet HTML 507Page - NEC VR4102 Datasheet HTML 508Page - NEC VR4102 Datasheet HTML 509Page - NEC VR4102 Datasheet HTML 510Page - NEC VR4102 Datasheet HTML 511Page - NEC VR4102 Datasheet HTML 512Page - NEC VR4102 Datasheet HTML 513Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
509
Bit
Name
Function
D1
CRC_INV
This bit is used to set whether or not a CRC is inverted to create an incorrect CRC
in the normal routine.
0: Normal CRC (not inverted)
1: Inverted CRC
D0
DATA_INV
This bit is used to set whether or not received/transmitted data I/O is inverted.
0: Normal (not inverted)
1: Inverted
Be sure to set as normal in FIR, and set as inverted in MIR.
[Caution]
During transmission/reception, the contents of this register must not be changed (refresh is possible).
26.2.10 FIRCR (0x0C00 005E)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
RRR
RR
RR
R
RTCRST
000
00
00
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7D6D5
D4D3
D2D1
D0
Name
PA_LEN2
PA_LEN1
PA_LEN0
W_PULSE1
W_PULSE0
F_WIDTH2
F_WIDTH1
F_WIDTH0
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
RTCRST
100
00
10
1
Other resets
1
0
0
0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com