| Electronic Components Datasheet Search |
|
VR4102 Datasheet(PDF) 514 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Datasheet(HTML) 514 Page - NEC |
|
514 / 701 page ![]() CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT) 514 26.2.14 TXIR (0x0C00 0066) Bit D15 D14 D13 D12 D11 D10 D9 D8 Name Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved R/W RRR RR RR R RTCRST 000 00 00 0 Other resets 0 0 0 0 0 0 0 0 Bit D7D6D5 D4D3 D2D1 D0 Name TX_BUSY Reserved LAST_TFL TX_TH_OV Reserved TXF_UNDR TXF_FULL TXF_EMP R/W RRR RR RR R RTCRST 000 00 00 0 Other resets 0 0 0 0 0 0 0 0 Bit Name Function D15 to D8 Reserved Write 0 when writing. 0 is returned after a read. D7 TX_BUSY Transmission busy. This bit is set to 1 during the period between PA (in FIR) or STA (in MIR) transmission and abort transmission. 0: Not Busy 1: Busy D6 Reserved Write 0 when writing. 0 is returned after a read. D5 LAST_TFL Last transmission frame status. This bit indicates whether data exists or not in the transmission frame size FIFO. This bit changes when the STA transmission sequence ends. Its initial value is 1. 0: Normal 1: Exists D4 TX_TH_OV Transmission FIFO threshold over status. This bit indicates whether or not the data size within the transmission FIFO exceeds the threshold. 0: Normal 1: Excesses D3 Reserved Write 0 when writing. 0 is returned after a read. D2 TXF_UNDR Transmission FIFO underrun status. This bit indicates whether or not data is read when there is no data in the transmission FIFO. 0: Normal 1: Data is read D1 TXF_FULL Transmission FIFO full status. This bit indicates that there is no writable space in the transmission FIFO. 0: Normal 1: No writable space D0 TXF_EMP Transmission FIFO empty status. This bit indicates whether or not data to be read exists in the transmission FIFO. 0: Normal 1: Exists |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |