Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 557 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 557 Page - NEC

Back Button VR4102 Datasheet HTML 553Page - NEC VR4102 Datasheet HTML 554Page - NEC VR4102 Datasheet HTML 555Page - NEC VR4102 Datasheet HTML 556Page - NEC VR4102 Datasheet HTML 557Page - NEC VR4102 Datasheet HTML 558Page - NEC VR4102 Datasheet HTML 559Page - NEC VR4102 Datasheet HTML 560Page - NEC VR4102 Datasheet HTML 561Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
557
CACHE
Cache
CACHE
base
CACHE
1 0 1 1 1 1
op
offset
31
26 25
21 20
16 15
0
65
5
16
Format:
CACHE op, offset (base)
Description:
The 16-bit
offset is sign-extended and added to the contents of general register base to form a virtual address.
The virtual address is translated to a physical address using the TLB, and the 5-bit sub-opcode specifies a cache
operation for that address.
If CP0 is not usable (User or Supervisor mode) and the CP0 enable bit in the Status register is clear, a
coprocessor unusable exception is taken. The operation of this instruction on any operation/cache combination
not listed below, or on a secondary cache, is undefined. The operation of this instruction on uncached addresses
is also undefined.
The Index operation uses part of the virtual address to specify a cache block.
For a primary cache of 2
CACHEBITS bytes with 2LINEBITS bytes per tag, vAddrCACHEBITS...LINEBITS specifies the block.
Index Load Tag also uses vAddrLINEBITS...3 to select the doubleword for reading parity. When the
CE bit of the
Status register is set, Fill Cache op uses the PErr register to store parity values into the cache.
The Hit operation accesses the specified cache as normal data references, and performs the specified operation
if the cache block contains valid data with the specified physical address (a hit). If the cache block is invalid or
contains a different address (a miss), no operation is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com