Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 559 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 559 Page - NEC

Back Button VR4102 Datasheet HTML 555Page - NEC VR4102 Datasheet HTML 556Page - NEC VR4102 Datasheet HTML 557Page - NEC VR4102 Datasheet HTML 558Page - NEC VR4102 Datasheet HTML 559Page - NEC VR4102 Datasheet HTML 560Page - NEC VR4102 Datasheet HTML 561Page - NEC VR4102 Datasheet HTML 562Page - NEC VR4102 Datasheet HTML 563Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
559
CACHE
Cache
CACHE
(Continued)
Bits 20...18 (this value is listed under the Code column) of the instruction specify the operation as follows:
Code
Cache
Name
Operation
0
I
Index_Invalidate
Set the cache state of the cache block to Invalid.
0
D
Index_Write_Back
Invalidate
Examine the cache state and W bit of the primary data cache block at the index
specified by the virtual address. If the state is not Invalid and the W bit is set, then
write back the block to memory. The address to write is taken from the primary
cache tag. Set cache state of primary cache block to Invalid.
1
I, D
Index_Load_Tag
Read the tag for the cache block at the specified index and place it into the TagLo
CP0 registers, ignoring parity errors. Also load the data parity bits into the ECC
register.
2
I, D
Index_Store_Tag
Write the tag for the cache block at the specified index from the TagLo and TagHi
CP0 registers.
3
D
Create_Dirty_
Exclusive
This operation is used to avoid loading data needlessly from memory when writing
new contents into an entire cache block. If the cache block does not contain the
specified address, and the block is dirty, write it back to the memory. In all cases,
set the cache state to Dirty.
4
I, D
Hit_Invalidate
If the cache block contains the specified address, mark the cache block invalid.
5
D
Hit_Write_Back
Invalidate
If the cache block contains the specified address, write back the data if it is dirty, and
mark the cache block invalid.
5
I
Fill
Fill the primary instruction cache block from memory. If the CE bit of the Status
register is set, the contents of the ECC register is used instead of the computed
parity bits for addressed doubleword when written to the instruction cache.
6
D
Hit_Write_Back
If the cache block contains the specified address and the W bit is set, write back the
data to memory and clear the W bit.
6
I
Hit_Write_Back
If the cache block contains the specified address, write back the data unconditionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com