Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 605 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 605 Page - NEC

Back Button VR4102 Datasheet HTML 601Page - NEC VR4102 Datasheet HTML 602Page - NEC VR4102 Datasheet HTML 603Page - NEC VR4102 Datasheet HTML 604Page - NEC VR4102 Datasheet HTML 605Page - NEC VR4102 Datasheet HTML 606Page - NEC VR4102 Datasheet HTML 607Page - NEC VR4102 Datasheet HTML 608Page - NEC VR4102 Datasheet HTML 609Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
605
LWL
Load Word Left
LWL
base
LWL
1 0 0 0 1 0
rt
offset
31
26 25
21 20
16 15
0
65
5
16
Format:
LWL rt, offset (base)
Description:
This instruction can be used in combination with the LWR instruction to load a register with four consecutive bytes
from memory, when the bytes cross a word boundary.
LWL loads the left portion of the register with the
appropriate part of the high-order word; LWR loads the right portion of the register with the appropriate part of the
low-order word.
The LWL instruction adds its sign-extended 16-bit offset to the contents of general register base to form a virtual
address which can specify an arbitrary byte. It reads bytes only from the word in memory which contains the
specified starting byte. From one to four bytes will be loaded, depending on the starting byte specified. In 64-bit
mode, the loaded word is sign-extended.
Conceptually, it starts at the specified byte in memory and loads that byte into the high-order (left-most) byte of
the register; then it loads bytes from memory into the register until it reaches the low-order byte of the word in
memory. The least-significant (right-most) byte(s) of the register will not be changed.
address 4
address 0
memory
7
6
5
4
3
2
1
0
before
after
$24
$24
register
LWL $24, 4 ($0)
A
B
C
D
4
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com