Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 608 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 608 Page - NEC

Back Button VR4102 Datasheet HTML 604Page - NEC VR4102 Datasheet HTML 605Page - NEC VR4102 Datasheet HTML 606Page - NEC VR4102 Datasheet HTML 607Page - NEC VR4102 Datasheet HTML 608Page - NEC VR4102 Datasheet HTML 609Page - NEC VR4102 Datasheet HTML 610Page - NEC VR4102 Datasheet HTML 611Page - NEC VR4102 Datasheet HTML 612Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
608
LWR
Load Word Right
LWR
base
LWR
1 0 0 1 1 0
rt
offset
31
26 25
21 20
16 15
0
65
5
16
Format:
LWR rt, offset (base)
Description:
This instruction can be used in combination with the LWL instruction to load a register with four consecutive bytes
from memory, when the bytes cross a word boundary.
LWR loads the right portion of the register with the
appropriate part of the low-order word; LWL loads the left portion of the register with the appropriate part of the
high-order word.
The LWR instruction adds its sign-extended 16-bit offset to the contents of general register base to form a virtual
address which can specify an arbitrary byte. It reads bytes only from the word in memory which contains the
specified starting byte. From one to four bytes will be loaded, depending on the starting byte specified. In 64-bit
mode, the loaded word is sign-extended.
Conceptually, it starts at the specified byte in memory and loads that byte into the low-order (right-most) byte of
the register; then it loads bytes from memory into the register until it reaches the high-order byte of the word in
memory. The most significant (left-most) byte(s) of the register will not be changed.
address 4
address 0
memory
7
6
5
4
3
2
1
0
before
after
$24
register
LWR $24, 1 ($0)
A
B
C
D
A
3
2
1
$24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com