Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 612 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 612 Page - NEC

Back Button VR4102 Datasheet HTML 608Page - NEC VR4102 Datasheet HTML 609Page - NEC VR4102 Datasheet HTML 610Page - NEC VR4102 Datasheet HTML 611Page - NEC VR4102 Datasheet HTML 612Page - NEC VR4102 Datasheet HTML 613Page - NEC VR4102 Datasheet HTML 614Page - NEC VR4102 Datasheet HTML 615Page - NEC VR4102 Datasheet HTML 616Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
612
MADD16
Multiply and Add 16-bit integer
MADD16
rs
SPECIAL
0 0 0 0 0 0
rt
0
0 0
0 0 0 0
0 0 0 0
31
26 25
21 20
16 15
0
65
5
10
DMADD16
1 0 1 0 0 0
65
6
Format:
MADD16 rs, rt
Description:
The contents of general registers
rs and rt are multiplied, treating both operands as 16-bit 2’s complement values.
The operand[62:15] must be valid 15-bit, sign-extended values. If not, the results is unpredictable.
This multiplied result and the 64-bit data joined special register
HI to LO are added to form the result.
No integer overflow exception occurs under any circumstances.
When the operation completes, the low-order word of the double result is loaded into special register
LO, and the
high-order word of the double result is loaded into special register
HI.
The following Table are hazard cycles between MADD16 and other instructions.
Instruction sequence
No. of cycles
MULT/MULTU -> MADD16
1 Cycle
DMULT/DMULTU -> MADD16
4 Cycles
DIV/DIVU -> MADD16
36 Cycles
DDIV/DDIVU -> MADD16
68 Cycles
MFHI/MFLO -> MADD16
2 Cycles
DMADD16 -> MADD16
0 Cycles
MADD16 -> MADD16
0 Cycles
Operation:
32, 64 T:
temp1<- GPR [rs] * GPR [rt]
temp2<- temp1 + (HI31...0 || LO31...0)
LO
<- (temp131)
32 || temp231...0
HI
<- (temp263)
32 || temp263...32
Exceptions:
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com