Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 626 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 626 Page - NEC

Back Button VR4102 Datasheet HTML 622Page - NEC VR4102 Datasheet HTML 623Page - NEC VR4102 Datasheet HTML 624Page - NEC VR4102 Datasheet HTML 625Page - NEC VR4102 Datasheet HTML 626Page - NEC VR4102 Datasheet HTML 627Page - NEC VR4102 Datasheet HTML 628Page - NEC VR4102 Datasheet HTML 629Page - NEC VR4102 Datasheet HTML 630Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
626
SDL
Store Doubleword Left
SDL
base
SDL
1 0 1 1 0 0
rt
offset
31
26 25
21 20
16 15
0
65
5
16
Format:
SDL rt, offset (base)
Description:
This instruction can be used with the SDR instruction to store the contents of a register into eight consecutive
bytes of memory, when the bytes cross a doubleword boundary. SDL stores the left portion of the register into
the appropriate part of the high-order doubleword of memory; SDR stores the right portion of the register into the
appropriate part of the low-order doubleword.
The SDL instruction adds its sign-extended 16-bit offset to the contents of general register base to form a virtual
address which may specify an arbitrary byte. It alters only the word in memory which contains that byte. From
one to four bytes will be stored, depending on the starting byte specified.
Conceptually, it starts at the most-significant byte of the register and copies it to the specified byte in memory;
then it copies bytes from register to memory until it reaches the low-order byte of the word in memory.
No address error exceptions due to alignment are possible.
address 8
address 0
memory
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
A
B
C
D
E
F
G
H
before
after
$24
register
SDL $24, 8 ($0)
address 8
address 0
15 14 13 12 11 10
9
A
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com