Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 112 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 112 Page - NEC

Back Button VR4102 Datasheet HTML 108Page - NEC VR4102 Datasheet HTML 109Page - NEC VR4102 Datasheet HTML 110Page - NEC VR4102 Datasheet HTML 111Page - NEC VR4102 Datasheet HTML 112Page - NEC VR4102 Datasheet HTML 113Page - NEC VR4102 Datasheet HTML 114Page - NEC VR4102 Datasheet HTML 115Page - NEC VR4102 Datasheet HTML 116Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
112
4.5.1 Exception Conditions
When an exception condition occurs, the relevant instruction and all those that follow it in the pipeline are
cancelled.
Accordingly, any stall conditions and any later exception conditions that may have referenced this
instruction are inhibited; there is no benefit in servicing stalls for a cancelled instruction.
When an exceptional conditions is detected for an instruction, the VR4102 will kill it and all following instructions.
When this instruction reaches the WB stage, the exception flag and various information items are written to CP0
registers. The current PC is changed to the appropriate exception vector address and the exception bits of earlier
pipeline stages are cleared.
This implementation allows all preceding instructions to complete execution and prevents all subsequent
instructions from completing. Thus the value in the EPC is sufficient to restart execution.
It also ensures that
exceptions are taken in the order of execution; an instruction taking an exception may itself be killed by an
instruction further down the pipeline that takes an exception in a later cycle.
Figure 4-12. Exception Detection
DC1 DC2 WB1
RF1 RF2 EX1 EX2 DC1 DC2 WB1
IF1
IF2
RF1 RF2 EX1 EX2 DC1 DC2 WB1
EX1 EX2
Exception vector
2
Ecxeption
1
1I
2I
1R
2R
1E
2E
1D
2D
1W
2W
1I
2I
1R
2R
1E
2E
1D
2D
1W
2W
1I
2I
1R
2R
1E
2E
1D
2D
1W
2W
1F
2F
1R
2R
1E
2E
1D
2D
1W
2W
: Killed stage
: Interpret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com