Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 28 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 24Page - Analog Devices ADPD188GG Datasheet HTML 25Page - Analog Devices ADPD188GG Datasheet HTML 26Page - Analog Devices ADPD188GG Datasheet HTML 27Page - Analog Devices ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices ADPD188GG Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 28 of 61
USING EXTERNAL LEDS
The ADPD188GG LED driver is also connected to an external
package pin so that the driver can drive external LEDs, if desired.
Figure 31 shows a connection diagram that enables driving
external LEDs.
TO HOST
PROCESSOR
LED1
SCL
SDA
GPIOx
VREF
LEDx/DNC
C2
1µF
VLED
VDD = 1.8V
CVLED
ADPD188GG
NC
C3
0.1µF
Figure 31. Using the ADPD188GG LED Drivers to Drive External LEDs
CALCULATING CURRENT CONSUMPTION
The current consumption of the ADPD188GG depends on the
user selected operating configuration, as described in the
following equations.
Total Power Consumption
To calculate the total power consumption, use Equation 4.
Total Power = IVDD_AVERAGE × VDD + ILED_AVERAGE × VLED
(4)
where:
IVDD_AVERAGE is the average VDD supply current (supplied at
VDD1 and VDD2).
VDD is the voltage applied at the VDD1 and VDD2 pins.
ILED_AVERAGE is the average LED supply current.
VLED is the voltage at the VLEDx pins, respectively.
Average VDD Supply Current
To calculate the average VDD supply current, use Equation 5.
IVDD_AVG = DR × ((IAFE_A × tSLOTA) + (IAFE_B × tSLOTB) +
QPROC_x) + IVDD_STANDBY
(5)
where:
DR is the data rate in Hz.
IVDD_STANDBY = 0.2 µA.
QPROC_x is an average charge associated with a processing time,
as follows:
When only Time Slot A is enabled,
QPROC_A (C) = 0.35 × 10−6
When only Time Slot B is enabled,
QPROC_B (C) = 0.24 × 10−6
When Time Slot A and Time Slot B are enabled,
QPROC_AB (C) = 0.40 × 10−6
IAFE_x (A) = 3.0 × 10−3 + (1.5 × 10−3 × NUM_CHANNELS) +
(4.6 × 10−3 × ILEDX_PK/ SCALE_X)
(6)
tSLOTx (sec) = LEDx_OFFSET + LEDx_PERIOD ×
PULSE_COUNT
(7)
where:
NUM_CHANNELS is the number of active channels.
ILEDX_PK is the peak LED current, expressed in amps, for the LED
enabled in that particular time slot.
SCALE_X is the scale factor for the LED current drive determined
by Bit 13 of the ILED_COARSE register.
LEDx_OFFSET is the pulse start time offset expressed in
seconds.
LEDx_PERIOD is the pulse period expressed in seconds.
PULSE_COUNT is the number of pulses.
Note that if either Time Slot A or Time Slot B are disabled, IAFE_x =
0 for that respective time slot.
Average VLEDA Supply Current
To calculate the average VLEDA supply current, use Equation 8.
ILED_AVG_A = SLOTA_LED_WIDTH × ILEDA_PK × DR ×
PULSE_COUNT
(8)
where:
SLOTA_LED_WIDTH is the LED pulse width expressed in
seconds.
ILEDA_PK is the peak current, expressed in amps, for the Time Slot A
LED.
Average VLEDB Supply Current
To calculate the average VLEDB supply current, use Equation 9.
ILED_AVG_B = SLOTB_LED_WIDTH × ILEDB_PK × DR ×
PULSE_COUNT
(9)
where:
SLOTB_LED_WIDTH is the LED pulse width expressed in
seconds.
ILEDB_PK is the peak current, expressed in amps, for the Time Slot B
LED.
Optimizing SNR per Watt in a Signal Limited System
In practice, optimizing for peak SNR is not always practical.
One scenario in which the PPG signal has a poor SNR is the
signal limited regime. In this scenario, the LED current reaches
an upper limit before the desired dc return level is achieved.
Tuning in this case starts where the peak SNR tuning stops. The
starting point is nominally a 50k gain, as long as the lowest LED
current setting of 12 mA does not saturate the photodiode and the
50k gain provides enough protection against intense background
light. In these cases, use a 25k gain as the starting point.
The goal of the tuning process is to bring the dc return signal to a
specific ADC range, such as 50% or 60%. The ADC range choice is
a function of the margin of headroom needed to prevent saturation
as the dc level fluctuates over time. The SNR of the PPG waveform
is always some percentage of the dc level. If the target level cannot
be achieved at the base gain, increase the gain and repeat the
procedure. The tuning system may need to place an upper limit
on the gain to prevent saturation from ambient signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com