Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 59 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 59 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 53Page - Analog Devices ADPD188GG Datasheet HTML 54Page - Analog Devices ADPD188GG Datasheet HTML 55Page - Analog Devices ADPD188GG Datasheet HTML 56Page - Analog Devices ADPD188GG Datasheet HTML 57Page - Analog Devices ADPD188GG Datasheet HTML 58Page - Analog Devices ADPD188GG Datasheet HTML 59Page - Analog Devices ADPD188GG Datasheet HTML 60Page - Analog Devices ADPD188GG Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 59 of 61
Address
Data Bit
Default
Value
Access
Name
Description
1
0x0
R/W
SLOTA_DATA_HOLD
Setting this bit prevents the update of the data registers corresponding
to Time Slot A. Set this bit to ensure that unread data registers are not
updated, guaranteeing a contiguous set of data from all four
photodiode channels.
1: hold data registers for Time Slot A.
0: allow data register update.
0
0x0
R/W
DIGITAL_CLOCK_ENA
Set to 1 in order to enable the 32 MHz clock when calibrating the
32 MHz clock. Always disable the 32 MHz clock following the
calibration by resetting this bit to 0.
ADC REGISTERS
Table 33. ADC Registers
Address
Data Bits
Default
Value
Access
Name
Description
0x12
[15:0]
0x0028
R/W
FSAMPLE
Sampling frequency: fSAMPLE = 32 kHz/(Register 0x12, Bits[15:0] × 4).
For example, 100 Hz = 0x0050; 200 Hz = 0x0028.
0x15
[15:11]
0x00
R/W
Reserved
Write 0x0.
[10:8]
0x6
R/W
SLOTB_NUM_AVG
Sample sum/average for Time Slot B. Specifies the averaging factor,
NB, which is the number of consecutive samples that is summed and
averaged after the ADC. Register 0x70 to Register 0x7F hold the data
sum. Register 0x64 to Register 0x6B and the data buffer in Register 0x60
hold the data average, which can be used to increase SNR without
clipping, in 16-bit registers. The data rate is decimated by the value
of the SLOTB_NUMB_AVG bits.
0: 1.
1: 2.
2: 4.
3: 8.
4: 16.
5: 32.
6: 64.
7: 128.
7
0x0
R/W
Reserved
Write 0x0.
[6:4]
0x0
R/W
SLOTA_NUM_AVG
Sample sum/average for Time Slot A. NA: same as Bits[10:8] but for
Time Slot A. See description in Register 0x15, Bits[10:8].
[3:0]
0x0
R/W
Reserved
Write 0x0.
0x18
[15:0]
0x2000
R/W
SLOTA_CH1_OFFSET
Time Slot A Channel 1 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x19
[15:0]
0x2000
R/W
SLOTA_CH2_OFFSET
Time Slot A Channel 2 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x1A
[15:0]
0x2000
R/W
SLOTA_CH3_OFFSET
Time Slot A Channel 3 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x1B
[15:0]
0x2000
R/W
SLOTA_CH4_OFFSET
Time Slot A Channel 4 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x1E
[15:0]
0x2000
R/W
SLOTB_CH1_OFFSET
Time Slot B Channel 1 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x1F
[15:0]
0x2000
R/W
SLOTB_CH2_OFFSET
Time Slot B Channel 2 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x20
[15:0]
0x2000
R/W
SLOTB_CH3_OFFSET
Time Slot B Channel 3 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.
0x21
[15:0]
0x2000
R/W
SLOTB_CH4_OFFSET
Time Slot B Channel 4 ADC offset. The value to subtract from the
raw ADC value. A value of 0x2000 is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com