Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 37 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 33Page - Analog Devices ADPD188GG Datasheet HTML 34Page - Analog Devices ADPD188GG Datasheet HTML 35Page - Analog Devices ADPD188GG Datasheet HTML 36Page - Analog Devices ADPD188GG Datasheet HTML 37Page - Analog Devices ADPD188GG Datasheet HTML 38Page - Analog Devices ADPD188GG Datasheet HTML 39Page - Analog Devices ADPD188GG Datasheet HTML 40Page - Analog Devices ADPD188GG Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 37 of 61
Use a two pulse differential measurement technique to cancel
out electrical drifts and offsets. Take two measurements, each
of a different float time. The first float time is considerably
shorter than the second pulse. After the two measurements are
taken, Measurement 1 is subtracted from Measurement 2,
which effectively cancels out any offset and drift common to
both measurements. What is left is an ambient light
measurement based on an amount of charge that is integrated
over a time that is the difference of the first and second float
times. For example, if Float Time 1 is 6 µs and Float Time 2 is
26 µs, the ambient light measurement is based on 20 µs of
charge integrated on the photodiode capacitance with any
offset and drift removed. In float mode for ambient light, the
number of pulses must be set to two to cancel drifts and offsets
because only the first pulse can be short. More than two pulses
can be used; however, pulses two through n are always the same
length. If drift cancellation is not required, any number of
pulses can be used and added together. Figure 39 shows an
example of float ambient mode timing, and Table 21 details the
relevant registers that must be configured.
0x59[12:8]/0x5E[12:8]
PRECONDITION TIME
(FLT_PRECON_x)
0x30[12:8]/0x35[12:8]
CHARGE DUMP TIME
(SLOTx_LED_WIDTH)
0x31[7:0]/0x36[7:0]
FLOAT 2 TIME (SLOTx_PERIOD)
0x39[15:11]/0x3B[15:11]
INTEGRATION TIME (SLOTx_AFE_WIDTH)
0x30[7:0]/0x35[7:0]
TIMETO FIRST CHARGE DUMP
(SLOTx_LED OFFSET)
CONNECT/FLOAT
FLOAT 1 TIME
INTEGRATOR SEQUENCE
ACCUMULATED
CHARGE ON PD
Figure 39. Example of Float Ambient Mode Timing
Table 21. Float Ambient Mode Registers
Register
Group
Register Name
Time Slot A
Time Slot B
Float Mode Description
Float Mode
Operation
SLOTx_LED_SEL
0x14, Bits[1:0]
0x14, Bits[3:2]
Set to 0 to enable float mode.
FLT_EN_x
0x5E, Bits[14:13]
0x59, Bits[14:13]
Set to 3 to enable float between connect pulses.
FLT_MATH12_x
0x58, Bits[2:1]
0x58, Bits[6:5]
Set to 2 to subtract first pulse and add second pulse.
SLOTx_AFE_CFG
0x43, Bits[15:0]
0x45, Bits[15:0]
Set to 0xAE65 for TIA and integrator, bypass BPF.
SLOTx_TIA_VREF
0x42, Bits[5:4]
0x44, Bits[5:4]
Set to 2 for TIA_VREF = 0.9 V.
SLOTx_V_CATHODE
0x54, Bits[9:8]
0x54, Bits[11:10]
Set to 2 for 250 mV reverse bias on the photodiode at
the precondition.
REG54_VCAT_ENABLE
0x54, Bit 7
0x54, Bit 7
Set to 1 to override Register 0x3C cathode voltage
settings.
Float Mode
Timing
FLT_PRECON_x
0x5E, Bits[12:8]
0x59, Bits[12:8]
Precondition time (to start of Float 1 time).
SLOTx_PERIOD
0x31, Bits[7:0]
0x36, Bits[7:0]
8 LSBs of float period in µs; Float 2 time = SLOTx_PERIOD
SLOTx_PERIOD
0x37, Bits[1:0]
0x37, Bits[9:8]
2 MSBs of float period.
SLOTx_LED_WIDTH
0x30, Bits[12:8]
0x35, Bits[12:8]
Connect time in µs; this is the amount of time given to
dump the accumulated charge from the photodiode
capacitance; typically, this is set to 2 µs.
SLOTx_LED_OFFSET
0x30, Bits[7:0]
0x35, Bits[7:0]
Time to first charge dump; Float 1 time =
(SLOTx_LED_OFFSET + SLOTx_LED_WIDTH) −
FLT_PRECONx.
SLOTx_AFE_WIDTH
0x39, Bits[15:11]
0x3B, Bits[15:11]
Integration time in µs; set to FLT_CONNx + 1.
SLOTx_AFE_OFFSET
0x39, Bits[10:0]
0x3B, Bits[10:0]
Integrator start time in 31.25 ns increments; set to
(SLOTx_LED_OFFSETx − SLOTx_AFE_WIDTH − 9.25) µs.
SLOTx_PULSES
0x31, Bits[15:8]
0x36, Bits[15:8]
Number of pulses; set to 2 for float ambient mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com