Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 30 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 26Page - Analog Devices ADPD188GG Datasheet HTML 27Page - Analog Devices ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices ADPD188GG Datasheet HTML 32Page - Analog Devices ADPD188GG Datasheet HTML 33Page - Analog Devices ADPD188GG Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 30 of 61
LED
PULSE 1
+
–
+
–
+
–
+
–
+
–
+
–
PULSE 2
PULSE 3
PULSE 4
BAND-PASS
FILTER
OUTPUT
ADC
INTEGRATOR
SEQUENCE
Figure 32. Diagram of Integrator Chopping Sequence
Table 18. Register Settings for Integrator Chop Mode
Hex
Addr.
Data
Bit(s)
Bit Name
Description
0x17
[3:0]
INTEG_ORDER_A
Integration sequence order for Time Slot A. Each bit corresponds to the polarity of the integration
sequence of a single pulse in a four-pulse sequence. Bit 0 controls the integration sequence of
Pulse 1, Bit 1 controls Pulse 2, Bit 2 controls Pulse 3, and Bit 3 controls Pulse 4. After four pulses, the
sequence repeats.
0: normal integration sequence.
1: reversed integration sequence.
0x1D
[3:0]
INTEG_ORDER_B
Integration sequence order for Time Slot B. Each bit corresponds to the polarity of the integration
sequence of a single pulse in a four-pulse sequence. Bit 0 controls the integration sequence of
Pulse 1, Bit 1 controls Pulse 2, Bit 2 controls Pulse 3, and Bit 3 controls Pulse 4. After four pulses, the
sequence repeats.
0: normal integration sequence.
1: reversed integration sequence
0x58
[11:10]
FLT_MATH34_B
Time Slot B control for adding and subtracting Sample 3 and Sample 4 in a four-pulse sequence (or
any multiple of four pulses, for example, Sample 15 and Sample 16 in a 16-pulse sequence).
00: add third and fourth.
01: add third and subtract fourth.
10: subtract third and add fourth.
11: subtract third and fourth.
[9:8]
FLT_MATH34_A
Time Slot A control for adding and subtracting Sample 3 and Sample 4 in a four-pulse sequence
(or any multiple of four pulses, for example, Sample 15 and Sample 16 in a 16-pulse sequence).
00: add third and fourth.
01: add third and subtract fourth.
10: subtract third and add fourth.
11: subtract third and fourth.
[6:5]
FLT_MATH12_B
Time Slot B control for adding and subtracting Sample 1 and Sample 2 in a four-pulse sequence (or
any multiple of four pulses, for example, Sample 13 and Sample 14 in a 16-pulse sequence).
00: add first and second.
01: add first and subtract second.
10: subtract first and add second.
11: subtract first and second.
[2:1]
FLT_MATH12_A
Time Slot A control for adding and subtracting Sample 1 and Sample 2 in a four-pulse sequence
(or any multiple of four pulses, for example, Sample 13 and Sample 14 in a 16-pulse sequence).
00: add first and second.
01: add first and subtract second.
10: subtract first and add second.
11: subtract first and second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com