Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 61 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 61 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 53Page - Analog Devices ADPD188GG Datasheet HTML 54Page - Analog Devices ADPD188GG Datasheet HTML 55Page - Analog Devices ADPD188GG Datasheet HTML 56Page - Analog Devices ADPD188GG Datasheet HTML 57Page - Analog Devices ADPD188GG Datasheet HTML 58Page - Analog Devices ADPD188GG Datasheet HTML 59Page - Analog Devices ADPD188GG Datasheet HTML 60Page - Analog Devices ADPD188GG Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 61 of 61
OUTLINE DIMENSIONS
COPLANARITY
0.08
2.42
BSC
1.00
BSC
0.87
REF
1.68
REF
3.13 BSC
3.00
REF
2.20
BSC
SEATING
PLANE
0.30
0.25
0.20
0.45
0.40
0.35
1.00
0.90
0.80
BOTTOM VIEW
END VIEW
5.10
5.00
4.90
TOP VIEW
PIN 1
INDEX AREA
PIN 1
INDEX AREA
1
7
8
12
13
19
20
24
3.90
3.80
3.70
0.70 BSC
0.20 BSC
0.50
BSC
2.00
REF
1.60
BSC
0.10
Figure 41. 24-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
3.80 mm × 5.00 mm Body and 0.9 mm Package Height
(CE-24-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range
Package Description
Package
Option
ADPD188GG-ACEZR7
−40°C to +85°C
24-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV], 7” Tape and Reel
CE-24-1
ADPD188GG-ACEZRL
−40°C to +85°C
24-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV], 13” Tape and Reel
CE-24-1
EVAL-ADPD188GGZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
EVAL-ADPDUCZ is the microcontroller board, ordered separately, required to interface with the EVAL-ADPD188GGZ evaluation board.
©2018–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16111-4/20(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com