Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 9 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 5Page - Analog Devices ADPD188GG Datasheet HTML 6Page - Analog Devices ADPD188GG Datasheet HTML 7Page - Analog Devices ADPD188GG Datasheet HTML 8Page - Analog Devices ADPD188GG Datasheet HTML 9Page - Analog Devices ADPD188GG Datasheet HTML 10Page - Analog Devices ADPD188GG Datasheet HTML 11Page - Analog Devices ADPD188GG Datasheet HTML 12Page - Analog Devices ADPD188GG Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 9 of 61
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
VDD1, VDD2 to AGND
−0.3 V to +2.2 V
VDD1, VDD2 to DGND
−0.3 V to +2.2 V
EXT_IN1/EXT_IN2
−0.3 V to +2.2V
GPIO0/GPIO1 to DGND
−0.3 V to +2.2 V
MISO/MOSI/SCLK/CS to DGND
−0.3 V to +2.2 V
LEDx/DNC to LGND
−0.3 V to +3.6 V
SCL/SDA to DGND
−0.3 V to +3.6 V
VLEDx to LGND1
−0.3 V to +5.0 V
Electrostatic Discharge (ESD)
Human Body Model (HBM)
3000 V
Charged Device Model (CDM)
1250 V
Machine Model (MM)
100 V
Solder Reflow (Pb-Free)
Peak Temperature
260 (+0/−5)°C
Time at Peak Temperature
<30 sec
Temperature Range
Powered
−40°C to +85°C
Storage
−40°C to +105°C
Junction Temperature
105°C
1
The absolute maximum voltage allowable between VLEDx and LGND is the
voltage that causes the LEDx/DNC pins to reach or exceed their absolute
maximum voltage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 7. Thermal Resistance
Package Type1
Supply Pins
θJA
Unit
CE-24-1
ASIC
VDD1, VDD2
67
°C/W
LED1
VLED1
156
°C/W
1
Thermal impedance simulated values are based on JEDEC 2S2P and two
thermal vias. See JEDEC JESD51.
RECOMMENDED SOLDERING PROFILE
Figure 4 and Table 8 provide details about the recommended
soldering profile.
P
L
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
TSMIN
TSMAX
TP
TL
Figure 4. Recommended Soldering Profile
Table 8. Recommended Soldering Profile
Profile Feature
Condition (Pb-Free)
Average Ramp Rate (TL to TP)
2°C/sec max
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time, TSMIN to TSMAX (tS)
60 sec to 120 sec
TSMAX to TL Ramp-Up Rate
2°C/sec max
Time Maintained Above Liquidous
Temperature
Liquidous Temperature (TL)
217°C
Time (tL)
60 sec to 150 sec
Peak Temperature (TP)
260 (+0/−5)°C
Time Within 5°C of Actual Peak
Temperature (tP)
<30 sec
Ramp-Down Rate
3°C/sec max
Time 25°C to Peak Temperature
8 minutes max
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com