Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 23Page - Analog Devices ADPD188GG Datasheet HTML 24Page - Analog Devices ADPD188GG Datasheet HTML 25Page - Analog Devices ADPD188GG Datasheet HTML 26Page - Analog Devices ADPD188GG Datasheet HTML 27Page - Analog Devices ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 27 of 61
DETERMINING THE AVERAGE CURRENT
When the ADPD188GG drives an LED, it drives the LED in a
series of short pulses. Figure 29 shows the typical ADPD188GG
configuration of a pulse burst sequence. In this sequence, the
LED pulse width, tLED_PULSE, is 3 µs, and the LED pulse period,
tLED_PERIOD, is 19 µs. The goal of CVLED is to buffer the LED between
individual pulses. In the worst case scenario, where the pulse
train shown in Figure 29 is a continuous sequence of short
pulses, the VLED supply must supply the average current.
Therefore, calculate ILED_AVERAGE as follows:
ILED_AVERAGE = (tLED_PULSE/tLED_PERIOD) × ILED_PEAK
(1)
where:
ILED_AVERAGE is the average current needed from the VLED supply. It is
also the VLED supply current rating.
ILED_PEAK is the peak current setting of the LED.
For the numbers shown in Figure 29, ILED_AVERAGE = 3/19 ×
ILED_PEAK. For typical LED timing, the average VLED supply
current is 3/19 × 250 mA = 39.4 mA, indicating that the VLED
supply must support a dc current of 40 mA.
ILEAD_PEAK
3µs
19µs
Figure 29. Typical LED Pulse Burst Sequence Configuration
DETERMINING CVLED
To determine the CVLED capacitor value, determine the maximum
forward-bias voltage, VFB_LED_MAX, of the LED in operation.
From Figure 30, ILED_PEAK converts to VFB_LED_MAX. For example,
with a 200 mA current, VFB_LED_MAX is 3.65 V. Any series
resistance in the LED path must also be included in this voltage.
When designing the LED path, keep in mind that small
resistances can add up to large voltage drops when a 200 mA
current is driven through the resistor. These resistances can be
unnecessary constraints on the VLED supply.
2.0
2.5
3.0
3.5
4.0
4.5
LED DRIVER CURRENT (mA)
Figure 30. Typical LED Forward-Bias Voltage Drop as a Function of the
LED Driver Current
For the CVLED capacitor to be sized correctly, do not deplete it
during the pulse of the LED to the point where the voltage on
the capacitor is less than the forward-bias on the LED. To calculate
the minimum value for the VLED bypass capacitor, use the
following equation:
)
6
.
0
(
_
_
_
_
+
−
×
=
MAX
LED
FB
MIN
LED
PEAK
LED
LED_PULSE
VLED
V
V
I
t
C
(2)
where:
tLED_PULSE is the LED pulse width.
ILED_PEAK is the maximum forward-bias current on the LED used
in operating the device.
VLED_MIN is the lowest voltage from the VLED supply with no load.
VFB_LED_MAX is the maximum forward-bias voltage required on
the LED to achieve ILED_PEAK.
The numerator of the CVLED equation sets up the total discharge
amount in coulombs from the bypass capacitor to satisfy a
single programmed LED pulse of the maximum current. The
denominator represents the difference between the lowest voltage
from the VLED supply and the LED required voltage. The LED
required voltage is the voltage of the anode of the LED such that
the 0.6 V compliance of the LED driver at 200 mA and the
forward-bias voltage of the LED operating at the maximum
current is satisfied. For a typical ADPD188GG example, assume
that the lowest value for the VLED supply is 4.4 V, and that the
peak current is 200 mA for two 525 nm LEDs in parallel. The
minimum value for CVLED is then equal to 4 µF.
CVLED = (3 × 10−6 × 0.20)/(4.4 – (3.65 + 0.6)) = 4.0 µF
(3)
As shown in Equation 3, the minimum supply voltage drops close
to the maximum anode voltage, and the demands on CVLED
become more stringent, forcing the capacitor value higher. It is
important to plug the correct values into these equations. For
example, using an average value for VLED_MIN instead of the
worst-case value for VLED_MIN can cause a problem; therefore,
adding sufficient margin on CVLED is strongly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com