Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 26 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 22Page - Analog Devices ADPD188GG Datasheet HTML 23Page - Analog Devices ADPD188GG Datasheet HTML 24Page - Analog Devices ADPD188GG Datasheet HTML 25Page - Analog Devices ADPD188GG Datasheet HTML 26Page - Analog Devices ADPD188GG Datasheet HTML 27Page - Analog Devices ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 26 of 61
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
SLOT A/B
0x02
0x0D
0x0E
0x0C
SLEEP
SLEEP
SLEEP
SLEEP
SLEEP
Figure 28. Optional Timing Signals Available on GPIOx—Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02, 0x0C, 0x0D, and 0x0E
Interrupt Function
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x01 configures
the respective pin to perform the interrupt function as defined
by the settings in Register 0x01.
Sample Timing
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x02 configures
the respective pin to provide a signal that asserts at the beginning
of the first time slot of the current sample and deasserts at the
end of the last time slot of the current sample. For example, if
both time slots are enabled, this signal asserts at the beginning
of Time Slot A and deasserts at the end of Time Slot B. If only a
single time slot is enabled, the signal asserts at the beginning of
the enabled time slot and deasserts at the end of this same time slot.
Pulse Outputs
Three options are available to provide a copy of the LED pulse
outputs. Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x05
provides a copy of the Time Slot A LED pulses on the respective
pin. A setting of 0x06 provides the Time Slot B pulses, and a
setting of 0x07 provides the pulse outputs of both time slots.
Output Data Cycle Signal
There are three options available to provide a signal that
indicates when the output data is written to the output data
registers or to the FIFO. Setting Register 0x0B, Bits[12:8] or
Bits[4:0] = 0x0C provides a signal that indicates that a data
value is written for Time Slot A. A setting of 0x0D provides a
signal that indicates that a data value is written for Time Slot B,
and 0x0E provides a signal to indicate that a value is written for
either time slot. The signal asserts at the end of the time slot,
when the output data is already written, and deasserts at the
start of the subsequent sample. This timing signal is especially
useful in situations where the FIFO is being used. For example,
one of the GPIOx pins can be configured to provide an interrupt
after the FIFO reaches the FIFO threshold set in Register 0x06,
Bits[13:8], while the other GPIOx pin can be configured to
provide the output data cycle signal. This signal can be used to
trigger a peripheral device, such as an accelerometer, so that
time aligned signals are provided to the processor.
fS/2 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x0F configures
the respective pin to provide a signal that toggles at half the
sampling rate. The fS/2 timing signal always starts in an active
low state when the device switches from standby mode to
normal operating mode and transitions to a high state at the
completion of the first sample.
Logic 0 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x10 configures
the respective pin to provide a Logic 0 output.
Logic 1 Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x11 configures
the respective pin to provide a Logic 1 output.
32 kHz Oscillator Output
Setting Register 0x0B, Bits[12:8] or Bits[4:0] = 0x13 configures
the respective pin to provide a copy of the on-board 32 kHz
oscillator.
LED DRIVER PINS AND LED SUPPLY VOLTAGE
The LED driver pins (LED1/DNC, LED2, and LED3) have an
absolute maximum voltage rating of 3.6 V. Any voltage exposure
over this rating affects the reliability of the device operation and,
in certain circumstances, causes the device to completely cease
proper operation. The voltage of the LED driver pins must not be
confused with the supply voltages for the LEDs themselves (VLED1
and VLED2). These are the voltages applied to the anodes of the
internal LEDs connected at VLED1.
LED DRIVER OPERATION
The LED drivers for the ADPD188GG are current sinks. Typical
LED driver current vs. LED driver voltage is shown in Figure 9.
Figure 24 shows the basic schematic of how the ADPD188GG
connects to an LED through the LED driver. The Determining
the Average Current section and the Determining CVLED
section define the requirements for the bypass capacitor (CVLED)
and the supply voltages of the LEDs (VLED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com