Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 32 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices ADPD188GG Datasheet HTML 32Page - Analog Devices ADPD188GG Datasheet HTML 33Page - Analog Devices ADPD188GG Datasheet HTML 34Page - Analog Devices ADPD188GG Datasheet HTML 35Page - Analog Devices ADPD188GG Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 32 of 61
sequentially at 1 µs intervals. This procedure aligns the ADC
sampling time with the LED pulse to measure the total amount of
light falling on the photodetector (for example, background light +
LED pulse).
To ensure that the TIA does not saturate, a safe operating
region is typically at ¾ full scale and lower. Use Table 19 to
determine how the output codes map to ADC levels on a per
channel per pulse basis. These codes are not the same as in
normal mode because the band-pass filter and integrator are
not unity-gain elements.
Measuring PCB Parasitic Input Resistance
During the process of mounting the ADPD188GG, undesired
resistance can develop on the inputs through assembly errors or
debris on the PCB. These resistances can form between the anode
and cathode, or between the anode and some other supply or
ground. In normal operation, the ambient rejection feature of the
ADPD188GG masks the primary effects of these resistances,
making it very difficult to detect them. However, even at 1 MΩ to
10 MΩ, such resistance can impact performance significantly
through added noise or decreased dynamic range. TIA ADC
mode can be used to screen for these assembly issues.
Measuring Shunt Resistance on the Photodiode
A shunt resistor across the photodiode/EXT_INx does not
generally affect the output level of the device in operation because
the effective impedance of the TIA is very low, especially if the
photodiode is held to 0 V in operation. However, such resistance
can add noise to the system, degrading performance. The best way
to detect photodiode leakage, also called photodiode shunt
resistance, is to place the device in TIA ADC mode in the dark
and vary the operation mode cathode voltage. Setting the cathode
to 1.3 V places 0 V across the photodiode because the anode is
always at 1.3 V while in operation. Setting the cathode to 1.8 V
places 0.5 V across the photodiode. Using the register settings in
Table 1 to control the cathode voltage, measure the TIA ADC
value at both voltages. Next, divide the voltage difference of
0.5 V by the difference of the ADC result after converting it to a
current. This result is the approximate shunt resistance. Values
greater than 10 MΩ may be difficult to measure, but this method is
useful in identifying gross failures.
Measuring TIA Input Shunt Resistance
A resistance to develop between the TIA input and another
supply or ground on the PCB is an example of another problem
that can occur. These resistances can force the TIA into saturation
prematurely. This premature saturation, in turn, takes away
dynamic range from the device in operation and adds a Johnson
noise component to the input. To measure these resistances, place
the device in TIA ADC mode in the dark and start by measuring
the TIA ADC offset level with the photodiode inputs disconnected
(Register 0x14, Bits[11:8] = 0 or Register 0x14, Bits[7:4] = 0).
From this, subtract the value of TIA ADC mode with the
darkened photodiode connected and convert the difference
into a current. If the value is positive, and the ADC signal
decreased, the resistance is to a voltage higher than 1.3 V, such
as VDD. Current entering the TIA causes the output to drop. If
the output difference is negative due to an increase of codes at
the ADC, current is being pulled out of the TIA and there is a
shunt resistance to a lower potential than 1.3 V, such as ground.
Using the EXT_IN 1 and EXT_IN 2 Inputs with a Voltage
Source
The ADPD188GG can be used for voltage inputs. Voltage
inputs can be measured in normal mode or in TIA ADC mode.
If these inputs are not a result of stimulation from the LED
driver, TIA ADC mode is preferred. To understand the
conversion gain from a voltage through a series resistor, RS, the
current can be determined by following the schematic in Figure 34.
TIA_VREF
OPTIONAL
BUFFER
TIA
R_IN
RS
EXT_INx
VIN
ADPD188GG
ADC
Figure 34. ADPD188GG Used for Voltage Inputs
Input Current = (VIN − TIA_VREF)/(RS + R_IN)
Values for R_IN are listed in Table 2. R_IN is not needed for
photodiode or other current inputs because the current of these
inputs are not a function of the input resistance. Conversion from
input current in amps to ADC codes (LSBs) follows Table 19 in
TIA ADC mode. Current conversion in normal mode is listed
in Table 2. The offset level shown in Table 19 represents the
expected code value with zero current input. The conversion
gain in nA/LSB can be added onto this for nonzero input currents.
Table 19. Analog Specifications for TIA ADC Mode and Digital Integrate Mode
Parameter
Test Conditions/Comments
Typ
Unit
TIA ADC Offset Level
Floating input (Input current = 0A); Register 0x43 and Register 0x45 = 0xAE65; Register 0x42
and Register 0x44, Bit 7 = 1, Register 0x58, Bit 7 = 1
TIA_VREF = Register 0x42 and Register 0x44, Bits[5:4] = 0 (1.14 V)
11400
LSB
TIA_VREF = Register 0x42 and Register 0x44, Bits[5:4] = 1 (1.01 V)
9700
LSB
TIA_VREF = Register 0x42 and Register 0x44, Bits[5:4] = 2 (0.89 V)
8100
LSB
TIA_VREF = Register 0x42 and Register 0x44, Bits[5:4] = 3 (1.27 V); recommended for PD inputs
13200
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com