Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 36 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 32Page - Analog Devices ADPD188GG Datasheet HTML 33Page - Analog Devices ADPD188GG Datasheet HTML 34Page - Analog Devices ADPD188GG Datasheet HTML 35Page - Analog Devices ADPD188GG Datasheet HTML 36Page - Analog Devices ADPD188GG Datasheet HTML 37Page - Analog Devices ADPD188GG Datasheet HTML 38Page - Analog Devices ADPD188GG Datasheet HTML 39Page - Analog Devices ADPD188GG Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 36 of 61
A
+ PHASE
PHASE
25.0µs
30.0µs
35.0µs
CONNECT
FLOAT
B
C
F
D
E
INTEGRATOR
CHARGE ON PD
TIA OUTPUT
INTEGRATOR
RESPONSE
INTEGRATOR
RESET
ADC READ
DON’T CARE
Figure 37. Float Mode Measurement Cycle Timing Diagram
Float Mode Limitations
When using float mode, the limitations of the mode must be
well understood. For example, there is a finite amount of
charge that can accumulate on the capacitance of the
photodiode, and there is also a maximum amount of charge that
can be integrated by the integrator. Based on an initial reverse
bias of 250 mV on the photodiode and assuming that the
photodiode begins to become nonlinear at ~200 mV of forward
bias, there is ~450 mV of headroom for the anode voltage to
increase from its starting point at the beginning of the float time
before the charge ceases to accumulate in a linear fashion. It is
desirable to operate only in the linear region of the photodiode
(see Figure 38). To verify that float mode is operating in the
linear region of the diode, the user can perform a simple check.
Record data at a desired float time, and then record data at half
the float time. It is recommended that the ratio of the two received
signals be 2:1. If this ratio does not hold true, the diode is likely
beginning to forward bias at the longer float time and becomes
nonlinear.
FLOAT TIME (µs)
RECOMMENDED
FLOAT MODE
OPERATING REGION
PD BEGINS TO
FORWARD BIAS
Figure 38. Transfer Function of Integrated Charge on the Photodiode vs.
Float Time
The maximum amount of charge that can be stored on the
photodiode capacitance and remain in the linear operating
region of the sensor can be estimated by
Q = CV
where:
Q is the integrated charge.
C is the capacitance of the photodiode.
V is the amount of voltage change across the photodiode before
the photodiode becomes nonlinear.
For a typical discrete optical design using a 7 mm2 photodiode
with 70 pF capacitance and 450 mV of headroom, the maximum
amount of charge that can be stored on the photodiode
capacitance is 31.5 pC.
In addition, consider the maximum amount of charge the
integrator of the ADPD188GG can integrate. The integrator
can integrate up to 7.6 pC. When this charge is referred back to
the input, consider the TIA gain. When the TIA gain is at
200 kΩ, the input referred charge is at a 1:1 ratio to the
integrated charge on the integrator. For 100 kΩ gain, it is 2:1;
for 50 kΩ gain, it is 4:1; and for 25 kΩ gain, it is 8:1. For the
previous example using a photodiode with 70 pF capacitance,
use 50 kΩ TIA gain and set the float timing such that, for a
single pulse, the output of the ADC is at 70% of full scale, which
is a typical operating condition. Under these operating conditions,
5.3 pC integrates per pulse by the integrator for 21.2 pC of
charge accumulated on the photodiode capacitance. For small
CTR, however, it can take a long time to accumulate 21.2 pC of
charge on the photodiode capacitance, in which case, use higher
TIA gains according to how much charge can be accumulated in a
given amount of time. Ultimately, float times are determined by
the type of measurement being made (ambient or pulsed LED),
the photodiode capacitance, and the CTR of the system.
Float Mode for Ambient Light Measurements
Float mode is used for ambient light measurements where the
background light is sufficiently small. Use TIA ADC mode for
ambient light measurements of higher intensities. Small
amounts of light can be measured with adequate float times,
allowing the incoming charge to accumulate to levels large
enough to be measured above the noise floor of the system. The
source of this light can be any combination of synchronous
light (for example, from a pulsed LED) and asynchronous light
(that is, background). If there is no system generated light
source, the measurement is simply a measure of the
background light.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com