Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 18Page - Analog Devices ADPD188GG Datasheet HTML 19Page - Analog Devices ADPD188GG Datasheet HTML 20Page - Analog Devices ADPD188GG Datasheet HTML 21Page - Analog Devices ADPD188GG Datasheet HTML 22Page - Analog Devices ADPD188GG Datasheet HTML 23Page - Analog Devices ADPD188GG Datasheet HTML 24Page - Analog Devices ADPD188GG Datasheet HTML 25Page - Analog Devices ADPD188GG Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 22 of 61
APPLICATIONS INFORMATION
TYPICAL CONNECTION DIAGRAM
Figure 24 shows the recommended connection diagram for the
ADPD188GG using the SPI communications port. Figure 25
shows a circuit using the I2C port. The desired communications
port, together with the GPIO0 and GPIO1 lines, connects to a
system microprocessor or sensor hub. When using the SPI port,
the I2C interface must be disabled by connecting the SDA and
SCL pins high to 1.8 V. When using the I2C interface, the SPI is
disabled by connecting CS to 1.8 V. Tie the unused inputs, SCLK
and MOSI, to ground. The EXT_IN1 and EXT_IN 2 pins are
current inputs and can be connected to external sensors. A voltage
source can be connected to the EXT_IN1 and EXT_IN2 pins
through a series resistance, effectively converting the voltage
into a current (see the Using the EXT_IN 1 and EXT_IN 2
Inputs with a Voltage Source section).
Provide a regulated 1.8 V supply, tied to VDD1 and VDD2. The
VLEDx level uses a standard regulator circuit according to the
peak current requirements specified in Table 1 and calculated
in the Calculating Current Consumption section. Place 0.1 µF
ceramic decoupling capacitors as close as possible to VDD1 and
VDD2; a 1.0 µF ceramic capacitor must be placed as close as
possible to the VREF pin.
For best noise performance, connect AGND, DGND, and
LGND together at a large conductive surface such as a ground
plane, ground pour, or large ground trace.
1
2
3
17
16
15
14
4
5
6
7
13
19
18
ADPD188GG
PDC
EXT_IN2
NIC
VDD2
VLED1
NIC
CS
SCLK
MOSI
MISO
GPIO1
GPIO0
SDA
1.8V
CVLED
VLED1
1.8V
0.1µF
1.8V
0.1µF
1.0µF
NIC
Figure 24. SPI Mode Connection Diagram
1
2
3
17
16
15
14
4
5
6
7
13
19
18
ADPD188GG
PDC
EXT_IN2
NIC
VDD2
VLED1
NIC
CS
SCLK
MOSI
MISO
GPIO1
GPIO0
SCL
SDA
1.8V
1.8V
10kΩ
NIC
1.8V
0.1µF
1.8V
0.1µF
1.0µF
10kΩ
1.8V
CVLED
VLED1
Figure 25. I2C Mode Connection Diagram
LAND PATTERN
Figure 26 shows the recommended PCB footprint (land pattern).
Table 8 and Figure 4 provide the recommended soldering profile.
3.0mm
2.0mm
0.2mm
0.3mm
0.28mm
0.18mm
0.56mm
Figure 26. Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com