Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 17 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 13Page - Analog Devices ADPD188GG Datasheet HTML 14Page - Analog Devices ADPD188GG Datasheet HTML 15Page - Analog Devices ADPD188GG Datasheet HTML 16Page - Analog Devices ADPD188GG Datasheet HTML 17Page - Analog Devices ADPD188GG Datasheet HTML 18Page - Analog Devices ADPD188GG Datasheet HTML 19Page - Analog Devices ADPD188GG Datasheet HTML 20Page - Analog Devices ADPD188GG Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 17 of 61
The ADPD188GG operates in one of three modes: standby,
program, or normal sampling mode.
Standby mode is a power saving mode in which data collection
does not occur. All register values are retained in this mode. To
place the device in standby mode, write 0x0 to Register 0x10,
Bits[1:0]. The device powers up in standby mode.
Program mode is used for programming registers. Always cycle
the ADPD188GG through program mode when writing registers
or changing modes. Because power cycling does not occur in this
mode, the device may consume higher current in program mode
than in normal operation. To place the device in program mode,
write 0x1 to Register 0x10, Bits[1:0].
In normal operation, the ADPD188GG pulses light and collects
data. Power consumption in this mode depends on the pulse
count and data rate. To place the device in normal sampling
mode, write 0x2 to Register 0x10, Bits[1:0].
NORMAL MODE OPERATION AND DATA FLOW
In normal mode, the ADPD188GG follows a specific pattern set
up by the state machine. This pattern is shown in the corres-
ponding data flow diagram in Figure 18. The pattern, in order,
is as follows:
1. LED pulse and sample. The ADPD188GG pulses external
LEDs. The response of the photodiode to the reflected light
is measured by the ADPD188GG. Each data sample is
constructed from the sum of n individual pulses, where n
is user configurable between 1 and 255.
2. Intersample averaging. If desired, the logic can average n
samples, from 2 to 128 in powers of 2, to produce output
data. New output data is saved to the output registers every
N samples.
3. Data read. The host processor reads the converted results
from the data register or the FIFO.
4. Repeat. The sequence has a few different loops that enable
different types of averaging while keeping both time slots
close in time relative to each other.
SAMPLE 1: TIME SLOT B
16 BITS
[14 + LOG2(nA)] BITS
UP TO 20 BITS
[14 + LOG2(nA × NA)] BITS
UP TO 27 BITS
[14 + LOG2(nB × NB)] BITS
UP TO 27 BITS
TIME SLOT B
TIME SLOT A
16-BIT CLIP
IF VAL ≤ (216 – 1)
VAL = VAL
ELSE VAL = 216 – 1
NA
NOTES
1. nA AND nB = NUMBER OF LED PULSES FOR TIME SLOT A AND TIME SLOT B.
2. NA AND NB = NUMBER OF AVERAGES FOR TIME SLOT A AND TIME SLOT B.
16 BITS
[14 + LOG2(nB)] BITS
UP TO 20 BITS
16-BIT CLIP
IF VAL ≤ (216 – 1)
VAL = VAL
ELSE VAL = 216 – 1
NB
1
NB
ADC OFFSET
[14 + LOG2(nA)] BITS
UP TO 22 BITS
SAMPLE 1: TIME SLOT A
SAMPLE NB: TIME SLOT B
SAMPLE NA: TIME SLOT A
14 BITS
14 BITS
20-BIT CLIP
IF VAL ≤ (220 – 1)
VAL = VAL
ELSE VAL = 220 – 1
nA
nA
14-BIT
ADC
1
nA
1
NA
FIFO
32-BIT DATA
REGISTERS
16-BIT
DATA
REGISTERS
0
1
0
1
REGISTER
0x11[13]
Figure 18. State Machine Operating Sequence (Datapath)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com