Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 14Page - Analog Devices ADPD188GG Datasheet HTML 15Page - Analog Devices ADPD188GG Datasheet HTML 16Page - Analog Devices ADPD188GG Datasheet HTML 17Page - Analog Devices ADPD188GG Datasheet HTML 18Page - Analog Devices ADPD188GG Datasheet HTML 19Page - Analog Devices ADPD188GG Datasheet HTML 20Page - Analog Devices ADPD188GG Datasheet HTML 21Page - Analog Devices ADPD188GG Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 18 of 61
LED Pulse and Sample
At each sampling period, the selected LED driver drives a series
of LED pulses, as shown in Figure 19. The magnitude, duration,
and number of pulses are programmable over the communications
interface. Each LED pulse coincides with a sensing period so
that the sensed value represents the total charge acquired on the
photodiode in response to only the corresponding LED pulse.
Charge, such as ambient light that does not correspond to the
LED pulse, is rejected.
After each LED pulse, the photodiode output relating to the
pulsed LED signal is sampled and converted to a digital value
by the 14-bit ADC. Each subsequent conversion within a
sampling period is summed with the previous result. Up to 255
pulse values from the ADC can be summed in an individual
sampling period. There is a 20-bit maximum range for each
sampling period.
Averaging
The ADPD188GG offers sample accumulation and averaging
functionality to increase signal resolution.
Within a sampling period, the AFE can sum up to 256 sequential
pulses. As shown in Figure 18, samples acquired by the AFE are
clipped to 20 bits at the output of the AFE. Additional resolution,
up to 27 bits, can be achieved by averaging between sampling
periods. This accumulated data of N samples is stored as 27-bit
values and can be read out directly by using the 32-bit output
registers or the 32-bit FIFO configuration.
When using the averaging feature set up by the register, subse-
quent pulses can be averaged by powers of 2. The user can
select from 2, 4, 8, …, up to 128 samples to be averaged. Pulse
data is still acquired by the AFE at the sampling frequency,
fSAMPLE (see Register 0x12), but new data is written to the
registers at the rate of fSAMPLE/N every Nth sample. This new data
consists of the sum of the previous N samples. The full 32-bit
sum is stored in the 32-bit registers. However, before sending
this data to the FIFO, a divide by N operation occurs. This
divide operation maintains bit depth to prevent clipping on the
FIFO.
Use this between sample averaging to lower the noise while
maintaining 16-bit resolution. If the pulse count registers are
kept to 8 or less, the 16-bit width is never exceeded. Therefore,
when using Register 0x15 to average subsequent pulses, many
pulses can be accumulated without exceeding the 16-bit word
width. This setting can reduce the number of FIFO reads
required by the host processor.
Data Read
The host processor reads output data from the ADPD188GG
via the communications interface, from the data registers, or from
the FIFO. New output data is made available every N samples,
where N is the user configured averaging factor. The averaging
factors for Time Slot A and Time Slot B are configurable
independently of each other. If the factors are the same, both
time slots can be configured to save data to the FIFO. If the two
averaging factors are different, only one time slot can save data
to the FIFO; data from the other time slot can be read from the
output registers.
The data read operations are described in more detail in the
Reading Data section.
0
0.5
1.0
1.5
2.0
2.5
3.0
TIME (Seconds)
OPTICAL SAMPLING
LOCATIONS
NUMBER OF LED PULSES (
nA OR nB)
LED
CURRENT
(ILED)
SHOWN WITH fSAMPLE = 10Hz
Figure 19. Example of a PPG Signal Sampled at a Data Rate of 10 Hz Using Five Pulses per Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com