Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 29 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 25Page - Analog Devices ADPD188GG Datasheet HTML 26Page - Analog Devices ADPD188GG Datasheet HTML 27Page - Analog Devices ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices ADPD188GG Datasheet HTML 32Page - Analog Devices ADPD188GG Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 29 of 61
Tuning the Pulse Count
After the LED peak current and TIA gain are optimized,
increasing the number of pulses per sample increases the SNR by
the square root of the number of pulses. There are two ways to
increase the pulse count. The pulse count registers (Register 0x31,
Bits[15:8], and Register 0x36, Bits[15:8]) change the number of
pulses per internal sample. Register 0x15, Bits[6:4] and Bits[10:8],
controls the number of internal samples that are averaged together
before the data is sent to the output. Therefore, the number of
pulses per sample is the pulse count register multiplied by the
number of subsequent samples being averaged. In general, the
internal sampling rate increases as the number of internal sample
averages increase to maintain the desired output data rate. The
SNR/watt is most optimal with pulse count values of 16 or less.
Above pulse count values of 16, the square root relationship does
not hold in the pulse count register. However, this relationship
continues to hold when averaged between samples using
Register 0x15.
Note that increasing LED peak current increases SNR almost
directly proportional to LED power, whereas increasing the
number of pulses by a factor of n results in only a nominal √(n)
increase in SNR.
When using the sample sum/average function (Register 0x15), the
output data rate decreases by the number of summed samples. To
maintain a static output data rate, increase the sample
frequency (Register 0x12) by the same factor as that selected in
Register 0x15. For example, for a 100 Hz output data rate and a
sample sum/average of four samples, set the sample frequency to
400 Hz.
Improving SNR Using Integrator Chopping
The last stage in the analog front end that is integrated into the
ADPD188GG data path is a charge integrator. The integrator
uses an on and off integration sequence, synchronized to the
emitted light pulse, which acts as an additional high-pass filter
to remove offsets, drifts, and low frequency noise from the
previous stages. However, the integrating amplifier can itself
introduce low frequency signal content at a low level. The
ADPD188GG has an integrator chop mode that enables
additional chopping in the digital domain to remove this signal.
This chopping is achieved by using even numbers of pulses per
sample and inverting the integration sequence for half of those
sequences. In the calculation to combine the digitized result of
each of the pulses of the sample, the sequences with an inverted
integrator sequence are subtracted and the sequences with a
normal integrator sequence are added. An example diagram of
the integrator chopping sequence is shown in Figure 32.
The result is that any low frequency signal contribution from
the integrator is eliminated, leaving only the integrated signal,
which results in higher SNR, especially at higher numbers of
pulses and at lower TIA gains where the noise contribution of
the integrator becomes more pronounced.
Digital chopping is enabled using the registers and bits detailed
in Table 18. The bit fields define the chopping operation for the
first four pulses. This 4-bit sequence is then repeated for all
subsequent pulses. In Figure 32, a sequence is shown where the
second and fourth pulses are inverted while the first and third
pulses remain in the default polarity (noninverted). This configura-
tion is achieved by setting Register 0x17, Bits[3:0] = 0xA and
Register 0x1D, Bits[3:0] = 0xA for Time Slot A and Time Slot B,
respectively. To complete the operation, the math must be
adjusted using Register 0x58. In this example, set Register 0x58,
Bits[9:8] and Register 0x58, Bits[11:10] to b01 to add the third
pulse and subtract the fourth pulse for Time Slot A and Time
Slot B, respectively. Set Register 0x58, Bits[2:1] and Register
0x58, Bits[6:5] to b01 to add the first pulse and subtract the
second pulse for Time Slot A and Time Slot B, respectively.
This sequence then repeats for every subsequent sequence of
four pulses. An even number of pulses must be used with
integrator chop mode.
When using integrator chop mode, the ADC offset registers
(Register 0x18 through Register 0x1B for Time Slot A, and
Register 0x1E through Register 0x21 for Time Slot B) must be
set to 0. These settings are required because any digital offsets
at the output of the ADC are automatically eliminated when the
math is adjusted to subtract the inverted integration sequences
while the default integration sequences are added. Integrator
chop mode also eliminates the need to manually null the ADC
offsets at startup in a typical application. Note that the elimination
of the offset using chop mode may clip at least half of the noise
signal when no input signal is present, which makes measuring
the noise floor during characterization of the system difficult.
For this reason, perform noise floor characterization of the system
either with chop mode disabled or with chop mode enabled but
with a minimal signal present at the input that increases the
noise floor enough such that it is no longer clipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com