Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 55 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 55 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 51Page - Analog Devices ADPD188GG Datasheet HTML 52Page - Analog Devices ADPD188GG Datasheet HTML 53Page - Analog Devices ADPD188GG Datasheet HTML 54Page - Analog Devices ADPD188GG Datasheet HTML 55Page - Analog Devices ADPD188GG Datasheet HTML 56Page - Analog Devices ADPD188GG Datasheet HTML 57Page - Analog Devices ADPD188GG Datasheet HTML 58Page - Analog Devices ADPD188GG Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 55 of 61
SYSTEM REGISTERS
Table 32. System Registers
Address
Data Bit
Default
Value
Access
Name
Description
0x00
[15:8]
0x00
R/W
FIFO_SAMPLES
FIFO status. Number of available bytes to be read from the FIFO.
When comparing this to the FIFO length threshold (Register 0x06,
Bits[13:8]), note that the FIFO status value is in bytes and the FIFO
length threshold is in words, where one word = two bytes.
Write 1 to Bit 15 to clear the contents of the FIFO.
7
0x0
R/W
Reserved
Write 0x1 to clear this bit to 0x0.
6
0x0
R/W
SLOTB_INT
Time Slot B interrupt. Describes the type of interrupt event. A 1
indicates an interrupt of a particular event type has occurred. Write
a 1 to clear the corresponding interrupt. After clearing, the register
goes to 0. Writing a 0 to this register has no effect.
5
0x0
R/W
SLOTA_INT
Time Slot A interrupt. Describes the type of interrupt event. A 1
indicates an interrupt of a particular event type has occurred. Write a
1 to clear the corresponding interrupt. After clearing, the register
goes to 0. Writing a 0 to this register has no effect.
[4:0]
0x00
R/W
Reserved
Write 0x1F to clear these bits to 0x00.
0x01
[15:9]
0x00
R/W
Reserved
Write 0x00.
8
0x1
R/W
FIFO_INT_MASK
Sends an interrupt when the FIFO data length has exceeded the
FIFO length threshold in Register 0x06, Bits[13:8]. A 0 enables the
interrupt.
7
0x1
R/W
Reserved
Write 0x1.
6
0x1
R/W
SLOTB_INT_MASK
Sends an interrupt on the Time Slot B sample. Write a 1 to disable
the interrupt. Write a 0 to enable the interrupt.
5
0x1
R/W
SLOTA_INT_MASK
Sends an interrupt on the Time Slot A sample. Write a 1 to disable
the interrupt. Write a 0 to enable the interrupt.
[4:0]
0x1F
R/W
Reserved
Write 0x1F.
0x02
[15:10]
0x00
R/W
Reserved
Write 0x0000.
9
0x0
R/W
GPIO1_DRV
GPIO1 drive.
0: the GPIO1 pin is always driven.
1: the GPIO1 pin is driven when the interrupt is asserted; otherwise,
it is left floating and requires a pull-up or pull-down resistor,
depending on polarity (operates as open drain). Use this setting if
multiple devices must share the GPIO1 pin.
8
0x0
R/W
GPIO1_POL
GPIO1 polarity.
0: the GPIO1 pin is active high.
1: the GPIO1 pin is active low.
[7:3]
0x00
R/W
Reserved
Write 0x00.
2
0x0
R/W
GPIO0_ENA
GPIO0 pin enable.
0: disable the GPIO0 pin. The GPIO0 pin floats, regardless of
interrupt status. The status register (Address 0x00) remains active.
1: enable the GPIO0 pin.
1
0x0
R/W
GPIO0_DRV
GPIO0 drive.
0: the GPIO0 pin is always driven.
1: the GPIO0 pin is driven when the interrupt is asserted; otherwise,
it is left floating and requires a pull-up or pull-down resistor,
depending on polarity (operates as open drain). Use this setting if
multiple devices must share the GPIO0 pin.
0
0x0
R/W
GPIO0_POL
GPIO0 polarity.
0: the GPIO0 pin is active high.
1: the GPIO0 pin is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com