Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 49 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 49 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 45Page - Analog Devices ADPD188GG Datasheet HTML 46Page - Analog Devices ADPD188GG Datasheet HTML 47Page - Analog Devices ADPD188GG Datasheet HTML 48Page - Analog Devices ADPD188GG Datasheet HTML 49Page - Analog Devices ADPD188GG Datasheet HTML 50Page - Analog Devices ADPD188GG Datasheet HTML 51Page - Analog Devices ADPD188GG Datasheet HTML 52Page - Analog Devices ADPD188GG Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 49 of 61
Address
Data Bit
Default
Value
Access
Name
Description
[8:3]
0x00
R/W
AFE_POWERDOWN
AFE channels power-down select.
0x0: keeps all channels on.
Bit 3: power down Channel 1 TIA op amp.
Bit 4: power down Channel 1 BPF op amp.
Bit 5: power down Channel 1 integrator op amp.
Bit 6: power down Channel 2, Channel 3, and Channel 4
TIA op amp.
Bit 7: power down Channel 2, Channel 3, and Channel 4
BPF op amp.
Bit 8: power down Channel 2, Channel 3, and Channel 4
integrator op amp.
[2:0]
0x6
R/W
Reserved
Write 0x6.
0x54
[15:14]
0x0
R/W
Reserved
Write 0x0.
[13:12]
0x0
R/W
SLEEP_V_CATHODE
If Bit 7 = 1; this setting is applied to the cathode voltage
while the device is in sleep mode.
0x0: VDD.
0x1:AFE VREF during idle, VDD during sleep.
0x2: floating.
0x3: 0.0 V.
[11:10]
0x0
R/W
SLOTB_V_CATHODE
If Bit 7 = 1; this setting is applied to the cathode voltage
while the device is in Time Slot B operation. The anode
voltage is determined by Register 0x44, Bits[5:4].
0x0: VDD (1.8 V).
0x1: equal to PD anode voltage.
0x2: sets a reverse PD bias of ~250 mV (recommended
setting).
0x3: 0.0 V (this forward biases a diode at the input).
[9:8]
0x0
R/W
SLOTA_V_CATHODE
If Bit 7 = 1; this setting is applied to the cathode voltage
while the device is in Time Slot A operation. The anode
voltage is determined by Register 0x42, Bits[5:4].
0x0: VDD (1.8 V).
0x1: equal to PD anode voltage.
0x2: sets a reverse PD bias of ~250 mV (recommended
setting).
0x3: 0.0 V (this forward biases a diode at the input).
7
0x0
R/W
REG54_VCAT_ENABLE
0: use the cathode voltage settings defined by Register 0x3C,
Bit 9.
1: override Register 0x3C, Bit 9 with cathode settings
defined by Register 0x54, Bits[13:8].
[6:0]
0x20
R/W
Reserved
Reserved.
0x55
[15:12]
0x0
R/W
Reserved
Write 0x0.
[11:10]
0x0
R/W
SLOTB_TIA_GAIN_4
TIA gain for Time Slot B, Channel 4 when Register 0x44,
Bit 6 = 1.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[9:8]
0x0
R/W
SLOTB_TIA_GAIN_3
TIA gain for Time Slot B, Channel 3 when Register 0x44,
Bit 6 = 1.
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com