Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices ADPD188GG Datasheet HTML 32Page - Analog Devices ADPD188GG Datasheet HTML 33Page - Analog Devices ADPD188GG Datasheet HTML 34Page - Analog Devices ADPD188GG Datasheet HTML 35Page - Analog Devices ADPD188GG Datasheet HTML 36Page - Analog Devices ADPD188GG Datasheet HTML 37Page - Analog Devices ADPD188GG Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 34 of 61
SYNCHRONOUS ECG AND PPG MEASUREMENT
USING TIA ADC MODE
In wearable devices developed for monitoring the health care of
patients, it is often necessary to have synchronized measurements
of biomedical signals. For example, a synchronous measurement
of patient ECG and PPG can be used to determine the pulse
wave transit time (PWTT), which can then be used to estimate
blood pressure.
The circuit shown in Figure 36 shows a synchronous ECG and
PPG measurement using the AD8233 and the ADPD188GG.
The AD8233 implements a two-pole, high-pass filter with a
cutoff frequency at 0.3 Hz, and a two-pole, low-pass filter with
a cutoff frequency of 37 Hz. The output of the AD8233 is fed to
the EXT_IN1 current input of the ADPD188GG through a
200 kΩ resistor to convert the voltage output of the AD8233
into a current.
The ADPD188GG is configured to alternately measure the
photodiode signal and the ECG signal from the AD8233 on
consecutive time slots to provide fully synchronized PPG and
ECG measurements. Data can be read out of the on-chip FIFO
or straight from data registers. The ADPD188GG channel used
to process the ECG signal is set up in TIA ADC mode and the
input bias voltage must be set to the 0.90 V setting using Bits[5:4]
of Register 0x42 if the ECG signal is on Time Slot A, or
Register 0x44 on Time Slot B. The TIA gain setting can be set to
optimize the dynamic range of the signal path. The channel
used to process the PPG signal is configured in its normal
operating mode. Figure 35 shows a plot of a synchronized ECG
and PPG measurement using the AD8233 with the
ADPD188GG.
6000
6500
7000
7500
8000
8500
9000
9500
10000
50000
50500
51000
51500
52000
PPG
ECG
SAMPLE RATE (ms)
Figure 35. Plot of Synchronized ECG and PPG Waveforms
RL
RA
LA
1.8V
1.8V
+IN
–IN
HPDRIVE
+VS
HPSENSE
IAOUT
REFIN
GND
FR
AC/DC
SDN
LOD
RLD
RLDFB
OUT
OPAMP+
OPAMP–
REFOUT
SW
AD8233
6.8nF
1
MΩ
1
MΩ
250k
Ω
2.7nF
100k
Ω
180k
Ω
180k
Ω
1
MΩ
10
MΩ
10
MΩ
0.1µF
10
MΩ
1nF
10
MΩ
10
MΩ
0.1µF
360k
Ω
4.7µF
TO DIGITAL
INTERFACE
4.7µF
RLD SDN
1.8V
200k
Ω
EXT_IN1
LED1/DNC
VLED1
VREF
1µF
AGND
DGND
LGND
0.1µF
0.1µF
VDD1
VDD2
1.8V
10k
Ω 10kΩ
1.8V
SCL
SDA
GPIO0
GPIO1
TO DIGITAL
INTERFACE
ADPD188GG
5V
CVLED
Figure 36. Synchronized PPG and ECG Measurement Using the ADPD188GG with the AD8233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com