Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 2Page - Analog Devices ADPD188GG Datasheet HTML 3Page - Analog Devices ADPD188GG Datasheet HTML 4Page - Analog Devices ADPD188GG Datasheet HTML 5Page - Analog Devices ADPD188GG Datasheet HTML 6Page - Analog Devices ADPD188GG Datasheet HTML 7Page - Analog Devices ADPD188GG Datasheet HTML 8Page - Analog Devices ADPD188GG Datasheet HTML 9Page - Analog Devices ADPD188GG Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 6 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSTEM PERFORMANCE
Total Output Noise Floor
Normal mode; per pulse; per channel; no LED; photodiode
capacitance (CPD) = 25 pF
25 kΩ; referred to ADC input
1.0
LSB rms
25 kΩ; referred to peak input signal for 2 µs LED pulse
4.6
nA rms
25 kΩ; referred to peak input signal for 3 µs LED pulse
3.3
nA rms
25 kΩ; saturation signal-to-noise ratio (SNR) per pulse per
channel5
78.3
dB
50 kΩ; referred to ADC input
1.1
LSB rms
50 kΩ; referred to peak input signal for 2 µs LED pulse
2.5
nA rms
50 kΩ; referred to peak input signal for 3 µs LED pulse
1.8
nA rms
50 kΩ; saturation SNR per pulse per channel5
77.4
dB
100 kΩ; referred to ADC input
1.2
LSB rms
100 kΩ; referred to peak input signal for 2 µs LED pulse
1.4
nA rms
100 kΩ; referred to peak input signal for 3 µs LED pulse
0.98
nA rms
100 kΩ; saturation SNR per pulse per channel5
76.7
dB
200 kΩ; referred to ADC input
1.4
LSB rms
200 kΩ; referred to peak input signal for 2 µs LED pulse
0.81
nA rms
200 kΩ; referred to peak input signal for 3 µs LED pulse
0.57
nA rms
200 kΩ; saturation SNR per pulse per channel5
75.3
dB
1
The R_IN value can be ignored for current source inputs or for PD inputs. This value is important for calculating correct voltages for voltage inputs through a resistor.
2
This saturation level applies to the ADC only and, therefore, includes only the pulsed signal. Any nonpulsatile signal is removed prior to the ADC stage.
3
ADC resolution is listed per pulse. If using multiple pulses, divide by the number of pulses.
4
This saturation level applies to the full signal path and, therefore, includes both the ambient signal and the pulsed signal.
5
The noise term of the saturation SNR value refers to the receive noise only and does not include photon shot noise or any noise on the LED signal itself.
DIGITAL SPECIFICATIONS
VDD1 = VDD2 = 1.7 V to 1.9 V, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
Input Voltage Level
High
VIH
GPIOx, SCLK, MOSI, CS
0.7 × VDDx
VDDx
V
High
VIH
SCL, SDA
0.7 × VDDx
3.6
Low
VIL
0.3 × VDDx
V
Input Current Level
High
IIH
−10
+10
µA
Low
IIL
−10
+10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
Output Voltage Level
GPIOx, MISO
High
VOH
2 mA high level output current
VDDx − 0.5
V
Low
VOL
2 mA low level output current
0.5
V
Output Voltage Level
SDA
Low
VOL1
2 mA low level output current
0.2 × VDDx
V
Output Current Level
SDA
Low
IOL
VOL1 = 0.6 V
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com