Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 31 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 27Page - Analog Devices ADPD188GG Datasheet HTML 28Page - Analog Devices ADPD188GG Datasheet HTML 29Page - Analog Devices ADPD188GG Datasheet HTML 30Page - Analog Devices ADPD188GG Datasheet HTML 31Page - Analog Devices ADPD188GG Datasheet HTML 32Page - Analog Devices ADPD188GG Datasheet HTML 33Page - Analog Devices ADPD188GG Datasheet HTML 34Page - Analog Devices ADPD188GG Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 31 of 61
MECHANICAL CONSIDERATIONS FOR COVERING
THE ADPD188GG
In some applications, it may be necessary to cover the
ADPD188GG to protect it from moisture. The ADPD188GG is
designed with this requirement in mind. The unique cross section
of the device, as shown in Figure 13, prevents light from going
directly from the LED to the detector even with a reasonably thick
window. It is recommended that the window thickness be
<0.7 mm and the air gap between the module and the window
be kept to <0.5 mm for optimal operation.
TIA ADC MODE
Figure 33 shows a way to put the ADPD188GG into a mode
that effectively runs the TIA directly into the ADC without
using the analog band-pass filter (BPF) and integrator. This
mode is referred to as TIA ADC mode. There are two basic
applications of TIA ADC mode. In normal operation, all of the
background light is blocked from the signal chain, and therefore,
cannot be measured. TIA ADC mode can measure the amount
of background and ambient light. This mode can also measure
other dc input currents, such as leakage resistance.
TIA_VREF
R_IN
VIN
RS
OPTIONAL
ADPD188GG
BUFFER
TIA
ADC
Figure 33. TIA ADC Mode Block Diagram
When the devices are in TIA ADC mode, the BPF and the
integrator stage are bypassed. This bypass effectively wires the
TIA directly into the ADC. At the set sampling frequency, the
ADC samples Channel 1 through Channel 4 in sequential
order, and each sample is taken at 1 µs intervals.
There are two modes of operation in TIA ADC mode. One
mode is an inverting configuration where TIA ADC mode
directly drives the ADC. This mode is enabled by setting
Register 0x43 (Time Slot A) and/or Register 0x45 (Time Slot B)
to 0xB065, which bypasses the BPF and the integrator. With the
ADC offset register(s) for the desired channel set to 0 and the
TIA_VREF set to 1.265 V, the output of the ADC is at ~13,000
codes for a single pulse and a zero input current condition. As
the input current from the photodiode increases, the ADC
output decreases toward 0.
The recommended TIA ADC mode is one in which the BPF is
bypassed and the integrator is configured as a buffer. This
mode is enabled by writing 0xAE65 to Register 0x43 (Time Slot
A) and/or Register 0x45 (Time Slot B) to bypass the BPF.
Additionally, to configure the integrator as a buffer, set Bit 7 of
Register 0x42 (Time Slot A) and/or Register 0x44 (Time Slot B)
to 1, and set Bit 7 of Register 0x58 to 1. With the ADC offset
register(s) for the desired channel set to 0 and TIA_VREF set to
1.265 V, the output of the ADC is at ~13,000 codes for a single
pulse and a zero input current condition. As the input current
from the photodiode increases, the ADC output decreases
toward 0.
When configuring the integrator as a buffer, there is the option
of either using a gain of 1 or a gain of 0.7. Using the gain of 0.7
increases the usable dynamic range at the input to the TIA. The
buffer gain is set using Register 0x42, Bit 9 for Time Slot A and
Register 0x44, Bit 9 for Time Slot B. Setting this bit to 0 (default)
sets a gain of 1. Setting this bit to 1 configures the buffer with a
gain of 0.7.
The ADC output (ADCOUT) is calculated as follows:
ADCOUT = 8192 ± (((2 × TIA_VREF – 2 × i × RF − 1.8 V)/
146 µV/LSB) × SLOTx_BUF_GAIN)
(11)
where:
TIA_VREF is the bias voltage for the TIA (the default value is
1.265 V).
i is the input current to the TIA.
RF is the TIA feedback resistor.
SLOTx_BUF_GAIN is either 0.7 or 1, based on the setting of
Register 0x42, Bit 9 and Register 0x44, Bit 9.
Equation 11 is an approximation and does not account for
internal offsets and gain errors. The calculation also assumes
that the ADC offset registers are set to 0.
One time slot can be used in TIA ADC mode at the same time
the other time slot is being used in normal pulsed mode. This
capability is useful for monitoring ambient and pulsed signals
at the same time. The ambient signal is monitored during the
time slot configured for TIA ADC mode, while the pulsed
signal, with the ambient signal rejected, is monitored in the
time slot configured for normal mode.
Protecting Against TIA Saturation in Normal Operation
One of the reasons to monitor TIA ADC mode is to protect
against environments that may cause saturation. One concern
when operating in high light conditions, especially with larger
photodiodes, is that the TIA stage may become saturated while
the ADPD188GG continue to communicate data. The resulting
saturation is not typical. The TIA, based on its settings, can only
handle a certain level of photodiode current. Based on the way
the ADPD188GG is configured, if there is a current level from the
photodiode that is larger than the TIA can handle, the TIA output
during the LED pulse effectively extends the current pulse,
making it wider. The AFE timing is then violated because the
positive portion of the band-pass filter output extends into the
negative section of the integration window. Thus, the
photosignal is subtracted from itself, causing the output signal
to decrease when the effective light signal increases.
To measure the response from the TIA and verify that this stage
is not saturating, place the device in TIA ADC mode and slightly
modify the timing. Specifically, sweep SLOTx_AFE_OFFSET until
two or three of the four channels reach a minimum value (note
that TIA is in an inverting configuration). All four channels do not
reach this minimum value because, typically, 3 µs LED pulse
widths are used and the ADC samples the four channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com