Electronic Components Datasheet Search
  English  ▼

X  

ADPD188GG Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 1 Page - Analog Devices

  ADPD188GG Datasheet HTML 1Page - Analog Devices ADPD188GG Datasheet HTML 2Page - Analog Devices ADPD188GG Datasheet HTML 3Page - Analog Devices ADPD188GG Datasheet HTML 4Page - Analog Devices ADPD188GG Datasheet HTML 5Page - Analog Devices ADPD188GG Datasheet HTML 6Page - Analog Devices ADPD188GG Datasheet HTML 7Page - Analog Devices ADPD188GG Datasheet HTML 8Page - Analog Devices ADPD188GG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Integrated Optical Module with Ambient
Light Rejection and Two LEDs
Data Sheet
ADPD188GG
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
3.8 mm × 5.0 mm × 0.9 mm module with integrated optical
components
2 green LEDs, 2 PDs with IR cut filter
2 external sensor inputs
3, 370 mA LED drivers
20-bit burst accumulator enabling 20 bits per sample period
On-board sample to sample accumulator enabling up to
27 bits per data read
Custom optical package made to work under a glass window
Optimized SNR for signal limited cases
I2C or SPI communications
APPLICATIONS
Optical heart rate monitoring
Reflective PPG measurement
CNIBP measurement
GENERAL DESCRIPTION
The ADPD188GG is a complete photometric system designed to
measure optical signals from ambient light and from synchronous
reflected light emitting diode (LED) pulses. Synchronous measure-
ment offers best-in-class rejection of ambient light interference,
both dc and ac. The module integrates a highly efficient photo-
metric front end, two LEDs, and two photodiode (PD). All of
these items are housed in a custom package that prevents light
from going directly from the LED to the photodiode without first
entering the subject.
The front end of the application specific integrated circuit (ASIC)
consists of a control block, a 14-bit analog-to-digital converter
(ADC) with a 20-bit burst accumulator, and three flexible,
independently configurable LED drivers. The control circuitry
includes flexible LED signaling and synchronous detection.
The analog front end (AFE) features best-in-class rejection of
signal offset and corruption due to modulated interference
commonly caused by ambient light. The data output and
functional configuration occur over a 1.8 V I2C interface or a
serial peripheral interface (SPI) port.
FUNCTIONAL BLOCK DIAGRAM
TIME SLOT A
TIME SLOT B
DIGITAL
INTERFACE
AND
CONTROL
SDA
SCL
GPIO0
GPIO1
DGND
AGND
VREF
1µF
VDD1 VDD2
ADPD188GG
14-BIT
ADC
LED2 DRIVER
VLED1
EXT_IN1
LED2
GREEN
TIA_VREF
TIA_VREF
DATA
DATA
LGND
BPF
±1 INTEGRATOR
BPF
±1 INTEGRATOR
LED3 DRIVER
LED1 DRIVER
LED3
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN WHEN USING INTERNAL LEDs.
LED1/DNC
CH2
TIA_VREF
TIA_VREF
BPF
±1 INTEGRATOR
BPF
±1 INTEGRATOR
EXT_IN2
PD3
PD4
PDC
PDC
CS
SCLK
MOSI
MISO
PDET1
PDET2
PD2
PD1
CH3
CH4
CH1
Figure 1.


Similar Part No. - ADPD188GG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD188BI AD-ADPD188BI Datasheet
1Mb / 62P
Integrated Optical Module for Smoke Detection
9/2020-Rev. A to Rev. B
ADPD188BI-ACEZR7 AD-ADPD188BI-ACEZR7 Datasheet
1Mb / 62P
Integrated Optical Module for Smoke Detection
9/2020-Rev. A to Rev. B
ADPD188BI-ACEZRL AD-ADPD188BI-ACEZRL Datasheet
1Mb / 62P
Integrated Optical Module for Smoke Detection
9/2020-Rev. A to Rev. B
More results

Similar Description - ADPD188GG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
October 12, 2012
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
September 16, 2013
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
Integrated Ambient Light and Proximity Sensor
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Texas Instruments
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com