Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 29 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 25Page - Analog Devices ADPD1081 Datasheet HTML 26Page - Analog Devices ADPD1081 Datasheet HTML 27Page - Analog Devices ADPD1081 Datasheet HTML 28Page - Analog Devices ADPD1081 Datasheet HTML 29Page - Analog Devices ADPD1081 Datasheet HTML 30Page - Analog Devices ADPD1081 Datasheet HTML 31Page - Analog Devices ADPD1081 Datasheet HTML 32Page - Analog Devices ADPD1081 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 29 of 74
NOTES
1. THE SHADED AREAS REPRESENT WHEN THE DEVICE IS LISTENING.
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
SLAVE
ACK
ACK
ACK
ACK
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
ACK/NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER WRITE
DATA[15:8]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[7:0]
DATA[15:8]
STOP
ACK
DATA TRANSFERRED
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[15:8]
ACK
I2C WRITE
I2C SINGLE WORD READ MODE
I2C MULTIWORD READ MODE
Figure 32. I2C Write and Read Operations
SPI PORT
The ADPD1081 is a SPI only device. It does not support the I2C
interface. The SPI port uses a 4-wire interface, consisting of the
CS, MOSI, MISO, and SCLK signals, and it is always a slave port.
The CS signal goes low at the beginning of a transaction and high
at the end of a transaction. The SCLK signal latches MOSI on a
low to high transition. The MISO data is shifted out of the device
on the falling edge of SCLK and must be clocked into a receiving
device, such as a microcontroller, on the SCLK rising edge. The
MOSI signal carries the serial input data, and the MISO signal
carries the serial output data. The MISO signal remains three
state until a read operation is requested, which allows other
SPI-compatible peripherals to share the same MISO line. All SPI
transactions have the same basic format shown in Table 20. A
timing diagram is shown in Figure 4. Write all data MSB first.
Table 20. Generic Control Word Sequence
Byte 0
Byte 1
Byte 2
Subsequent Bytes
Address[6:0],
W/R
Data[15:8]
Data[7:0]
Data[15:8], Data[7:0]
The first byte written in a SPI transaction is a 7-bit address,
which is the location of the address being accessed, followed by
the W/R bit. This bit determines whether the communication is
a write (Logic Level 1) or a read (Logic Level 0). This format is
shown in Table 21.
Table 21. SPI Address and Write/R Byte Format
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
A6
A5
A4
A3
A2
A1
A0
W/R
Data on the MOSI pin is captured on the rising edge of the
clock, and data is propagated on the MISO pin on the falling
edge of the clock. The maximum read and write speed for the
SPI slave port is 10 MHz. See Figure 4 for the SPI timing
diagram, and see Table 7 for the SPI timing specifications.
A sample timing diagram for a multiple word SPI write operation
to a register is shown in Figure 33. A sample timing diagram of
a single-word SPI read operation is shown in Figure 34. The
MISO pin transitions from being three-state to being driven
following the reception of a valid R bit. In this example, Byte 0
contains the address and the W/R bit and subsequent bytes
carry the data. A sample timing diagram of a multiple word SPI
read operation is shown in Figure 35. In Figure 33 to Figure 35,
rising edges on SCLK are indicated with an arrow, signifying
that the data lines are sampled on the rising edge.
When performing multiple word reads or writes, the data
address is automatically incremented to the next consecutive
address for subsequent transactions except for Address 0x5F
(DATA_ACCESS_CTL), Address 0x60 (FIFO_ACCESS), and
Address 0x7F (B_PD4_HIGH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com