Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 60 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 56Page - Analog Devices ADPD1081 Datasheet HTML 57Page - Analog Devices ADPD1081 Datasheet HTML 58Page - Analog Devices ADPD1081 Datasheet HTML 59Page - Analog Devices ADPD1081 Datasheet HTML 60Page - Analog Devices ADPD1081 Datasheet HTML 61Page - Analog Devices ADPD1081 Datasheet HTML 62Page - Analog Devices ADPD1081 Datasheet HTML 63Page - Analog Devices ADPD1081 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 60 of 74
Address
Data Bit
Default
Value
Access
Name
Description
0x31
[15:8]
0x08
R/W
SLOTA_PULSES
LED Time Slot A pulse count. nA: number of LED pulses in
Time Slot A.
[7:0]
0x18
R/W
SLOTA_PERIOD
LED Time Slot A pulse period (in 1 µs step).
0x34
[15:10]
0x00
R/W
Reserved
Write 0x0.
9
0x0
R/W
SLOTB_LED_DIS
Time Slot B LED disable. 1: disables the LED assigned to Time Slot B.
Register 0x34 keeps the drivers active and prevents them from
pulsing current to the LEDs. Disabling both LEDs via this register
is often used to measure the dark level.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
8
0x0
R/W
SLOTA_LED_DIS
Time Slot A LED disable. 1: disables the LED assigned to Time Slot A.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
[7:0]
0x00
R/W
Reserved
Write 0x00.
0x35
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
SLOTB_LED_WIDTH
LED pulse width (in 1 µs step) for Time Slot B.
[7:0]
0x20
SLOTB_LED_OFFSET
LED offset width (in 1 µs step) for Time Slot B.
0x36
[15:8]
0x08
R/W
SLOTB_PULSES
LED Time Slot B pulse count. nB: number of LED pulses in Time Slot B.
[7:0]
0x18
R/W
SLOTB_PERIOD
LED Time Slot B pulse period (in 1 µs step).
AFE CONFIGURATION REGISTERS
Table 38. AFE Global Configuration Registers
Address
Data Bit
Default
Value
Access
Name
Description
0x37
[15:13]
0x0
R/W
CH34_DISABLE
Power-down options for Channel 3 and Channel 4 only.
Bit 13: power down Channel 3, Channel 4 TIA op amp.
Bit 14: power down Channel 3, Channel 4 BPF op amp.
Bit 15: power down Channel 3, Channel 4 integrator op amp.
[12:10]
0x0
R/W
CH2_DISABLE
Bit 10: power down Channel 2 TIA op amp.
Bit 11: power down Channel 2 BPF op amp.
Bit 12: power down Channel 2 integrator op amp.
[9:8]
0x0
R/W
SLOTB_PERIOD
8 MSBs of LED Time Slot B pulse period.
[7:2]
0x000
R/W
Reserved
Write 0x000.
[1:0]
0x0
R/W
SLOTA_PERIOD
8 MSBs of LED Time Slot A pulse period.
0x3C
[15:14]
0x0
R/W
Reserved
Write 0x0.
[13:11]
0x6
R/W
Reserved
Write 0x6.
10
0x0
R/W
Reserved
Reserved.
9
0x0
R/W
V_CATHODE
0x0: 1.3 V (identical to anode voltage).
0x1: 1.8 V (reverse bias photodiode by 550 mV). This
setting may add noise.
[8:3]
0x00
R/W
AFE_POWERDOWN
AFE channels power-down select.
0x0: keeps all channels on.
Bit 3: power down Channel 1 TIA op amp.
Bit 4: power down Channel 1 BPF op amp.
Bit 5: power down Channel 1 integrator op amp.
Bit 6: power down Channel 2, Channel 3, and Channel 4
TIA op amp.
Bit 7: power down Channel 2, Channel 3, and Channel 4
BPF op amp.
Bit 8: power down Channel 2, Channel 3, and Channel 4
integrator op amp.
[2:0]
0x6
R/W
Reserved
Write 0x6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com