Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 65 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 61Page - Analog Devices ADPD1081 Datasheet HTML 62Page - Analog Devices ADPD1081 Datasheet HTML 63Page - Analog Devices ADPD1081 Datasheet HTML 64Page - Analog Devices ADPD1081 Datasheet HTML 65Page - Analog Devices ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices ADPD1081 Datasheet HTML 68Page - Analog Devices ADPD1081 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 65 of 74
Address
Data Bit
Default
Value
Access
Name
Description
[13:0]
0x0
R/W
BG_THRESH_B
The background threshold for Time Slot B that is compared
against the ADC result during the subtract cycles during float
mode. If the ADC result exceeds the value in this register,
BG_COUNT_B is incremented.
0x3E
[15:14]
0x0
R/W
FLT_LED_SELECT_A
Time Slot A LED selection for float LED mode.
0: no LED selected.
1: LED1.
2: LED2.
3: LED3.
13
0
R/W
Reserved
Write 0x0.
[12:8]
0x03
R/W
FLT_LED_WIDTH_A
Time Slot A LED pulse width for LED float mode in 1 µs steps.
[7:0]
0x20
R/W
FLT_LED_OFFSET_A
Time to first LED pulse in float mode for Time Slot A.
0x3F
[15:14]
0x0
R/W
FLT_LED_SELECT_B
Time Slot B LED selection for float LED mode.
0: no LED selected.
1: LED1.
2: LED2.
3: LED3.
13
0
R/W
Reserved
Write 0x0.
[12:8]
0x03
R/W
FLT_LED_WIDTH_B
Time Slot B LED pulse width for LED float mode in 1 µs steps.
[7:0]
0x20
R/W
FLT_LED_OFFSET_B
Time to first LED pulse in Float mode for Time Slot A.
0x58
[15:12]
0x0
R/W
Reserved
Reserved.
[11:10]
0x0
R/W
FLT_MATH34_B
Time Slot B control for adding and subtracting Sample 3 and
Sample 4 in a 4 pulse sequence (or any multiple of 4 pulses, for
example, Sample 15 and Sample 16 in a 16-pulse sequence).
00: add third and fourth.
01: add third and subtract fourth.
10: subtract third and add fourth.
11: subtract third and fourth.
[9:8]
0x0
R/W
FLT_MATH34_A
Time Slot A control for adding and subtracting Sample 3 and
Sample 4 in a 4 pulse sequence (or any multiple of 4 pulses, for
example, Sample 15 and Sample 16 in a 16-pulse sequence).
00: add third and fourth.
01: add third and subtract fourth.
10: subtract third and add fourth.
11: subtract third and fourth.
7
0x0
R/W
ENA_INT_AS_BUF
Set to 1 to enable the configuration of the integrator as a buffer in
TIA ADC mode.
[6:5]
0x0
R/W
FLT_MATH12_B
Time Slot B control for adding and subtracting Sample 1 and
Sample 2 in a 4 pulse sequence (or any multiple of 4 pulses, for
example, Sample 13 and Sample 14 in a 16-pulse sequence).
00: add first and second.
01: add first and subtract second.
10: subtract first and add second.
11: subtract first and second.
[4:3]
0x0
R/W
Reserved
Write 0x0.
[2:1]
0x0
R/W
FLT_MATH12_A
Time Slot A control for adding and subtracting Sample 1 and
Sample 2 in a 4 pulse sequence (or any multiple of 4 pulses, for
example, Sample 13 and Sample 14 in a 16-pulse sequence).
00: add first and second.
01: add first and subtract second.
10: subtract first and add second.
11: subtract first and second.
0
0x0
R/W
Reserved
Write 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com