Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 69 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 65Page - Analog Devices ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices ADPD1081 Datasheet HTML 68Page - Analog Devices ADPD1081 Datasheet HTML 69Page - Analog Devices ADPD1081 Datasheet HTML 70Page - Analog Devices ADPD1081 Datasheet HTML 71Page - Analog Devices ADPD1081 Datasheet HTML 72Page - Analog Devices ADPD1081 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 69 of 74
Address
Data Bit
Default
Value
Access
Name
Description
[11:9]
0x0
R/W
Reserved
Reserved.
[8:6]
0x0
R/W
SLOTB_FIFO_MODE
Time Slot B FIFO data format.
0: no data to FIFO.
1: 16-bit sum of all four channels.
2: 32-bit sum of all four channels.
4: four channels of 16-bit sample data for Time Slot B.
6: four channels of 32-bit extended sample data for Time Slot B.
Others: reserved.
The selected Time Slot B data is saved in the FIFO. Available only if
Time Slot A has the same averaging factor, N (Register 0x15, Bits[10:8]
= Bits[6:4]), or if Time Slot A is not saving data to the FIFO (Register 0x11,
Bits[4:2] = 0).
5
0x0
R/W
SLOTB_EN
Time Slot B enable. 1: enables Time Slot B.
[4:2]
0x0
R/W
SLOTA_FIFO_MODE
Time Slot A FIFO data format.
0: no data to FIFO.
1: 16-bit sum of all four channels.
2: 32-bit sum of all four channels.
4: four channels of 16-bit sample data for Time Slot A.
6: four channels of 32-bit extended sample data for Time Slot A.
Others: reserved.
1
0x0
R/W
Reserved
Write 0x0.
0
0x0
R/W
SLOTA_EN
Time Slot A enable. 1: enables Time Slot A.
0x38
[15:0]
0x0000
R/W
EXT_SYNC_STARTUP
Write 0x4000 when EXT_SYNC_SEL is 01 or 10. Otherwise, write 0x0.
0x4B
[15:9]
0x13
R/W
Reserved
Write 0x13.
8
0x0
R/W
CLK32K_BYP
Bypass internal 32 kHz oscillator.
0x0: normal operation.
0x1: provide external clock on the GPIO1 pin. The user must set
Register 0x4F, Bits[6:5] = 01 to enable the GPIO1 pin as an input.
7
0x0
R/W
CLK32K_EN
Sample clock power-up. Enables the data sample clock.
0x0: clock disabled.
0x1: normal operation.
6
0x0
R/W
Reserved
Write 0x0.
[5:0]
0x12
R/W
CLK32K_ADJUST
Data sampling (32 kHz) clock frequency adjust. This register is used
to calibrate the sample frequency of the device to achieve high
precision on the data rate as defined in Register 0x12. Adjusts the
sample master 32 kHz clock by 0.6 kHz per LSB. For a 100 Hz sample
rate as defined in Register 0x12, 1 LSB of Register 0x4B, Bits[5:0], is
1.9 Hz.
Note that a larger value produces a lower frequency. See the Clocks
and Timing Calibration section for more information regarding clock
adjustment.
00 0000: maximum frequency.
10 0010: typical center frequency.
11 1111: minimum frequency.
0x4D
[15:8]
0x00
R/W
Reserved
Write 0x00.
[7:0]
0x98
R/W
CLK32M_ADJUST
Internal timing (32 MHz) clock frequency adjust. This register is used
to calibrate the internal clock of the device to achieve precisely
timed LED pulses. Adjusts the 32 MHz clock by 109 kHz per LSB.
See the Clocks and Timing Calibration section for more information
regarding clock adjustment.
0000 0000: minimum frequency.
1001 1000: default frequency.
1111 1111: maximum frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com