Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 63 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 59Page - Analog Devices ADPD1081 Datasheet HTML 60Page - Analog Devices ADPD1081 Datasheet HTML 61Page - Analog Devices ADPD1081 Datasheet HTML 62Page - Analog Devices ADPD1081 Datasheet HTML 63Page - Analog Devices ADPD1081 Datasheet HTML 64Page - Analog Devices ADPD1081 Datasheet HTML 65Page - Analog Devices ADPD1081 Datasheet HTML 66Page - Analog Devices ADPD1081 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 63 of 74
Address
Data Bit
Default
Value
Access
Name
Description
[1:0]
0x0
R/W
SLOTA_TIA_GAIN
Transimpedance amplifier gain for Time Slot A. When
SLOTA_TIA_IND_EN is enabled, this value is for Time Slot B,
Channel 1 TIA gain. When this bit is disabled, it is for all four
Time Slot A channel, TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
0x43
[15:0]
0xADA5
R/W
SLOTA_AFE_CFG
AFE connection in Time Slot A.
0xADA5: analog full path mode (TIA_BPF_INT_ADC).
0xAE65: TIA ADC mode (must set Register 0x42, Bit 7 = 1
and Register 0x58, Bit 7 = 1).
0xB065: TIA ADC mode (if Register 0x42, Bit 7 = 0).
Others: reserved.
Table 40. AFE Configuration Registers, Time Slot B
Address
Data Bit
Default
Value
Access
Name
Description
0x1D
[15:4]
0x000
R/W
Reserved
Write 0x000
[3:0]
0x0
R/W
INTEG_ORDER_B
Integration sequence order for Time Slot B. Each bit corresponds
to the polarity of the integration sequence of a single pulse in a
four-pulse sequence. Bit 0 controls the integration sequence of
Pulse 1, Bit 1 controls Pulse 2, Bit 2 controls Pulse 3, and Bit 3
controls Pulse 4. After four pulses, the sequence repeats.
0: normal integration sequence.
1: reversed integration sequence
0x3B
[15:11]
0x04
R/W
SLOTB_AFE_WIDTH
AFE integration window width (in 1 µs step) for Time Slot B.
[10:0]
0x17
R/W
SLOTB_AFE_OFFSET
AFE integration window offset for Time Slot B in 31.25 ns steps.
0x44
[15:10]
0x07
R/W
SLOTB_AFE_MODE
Set to 0x07.
[9:8]
0x0
R/W
SLOTB_INT_GAIN
For normal mode,
00: RINT = 400 kΩ.
01: RINT = 200 kΩ.
10: RINT = 100 kΩ.
For TIA ADC mode with integrator configured as buffer,
00: integrator as buffer gain = 1.0.
01: integrator as buffer gain = 1.0.
10: integrator as buffer gain = 0.7.
7
0x0
R/W
SLOTB_INT_AS_BUF
0: normal integrator configuration.
1: convert integrator to buffer amplifier (used in TIA ADC mode only).
6
0x0
R/W
SLOTB_TIA_IND_EN
Enable Time Slot B TIA gain individual settings. When it is
enabled, the Channel 1 TIA gain is set via Register 0x44, Bits[1:0],
and the Channel 2 through Channel 4 TIA gain is set via Register
0x55, Bits[11:6].
0: disable TIA gain individual setting.
1: enable TIA gain individual setting.
[5:4]
0x3
R/W
SLOTB_TIA_VREF
Set VREF of the TIA for Time Slot B.
0: 1.14 V.
1: 1.01 V.
2: 0.90 V.
3: 1.27 V (default recommended).
[3:2]
0x2
R/W
Reserved
Write 0x1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com