Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 47 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 43Page - Analog Devices ADPD1081 Datasheet HTML 44Page - Analog Devices ADPD1081 Datasheet HTML 45Page - Analog Devices ADPD1081 Datasheet HTML 46Page - Analog Devices ADPD1081 Datasheet HTML 47Page - Analog Devices ADPD1081 Datasheet HTML 48Page - Analog Devices ADPD1081 Datasheet HTML 49Page - Analog Devices ADPD1081 Datasheet HTML 50Page - Analog Devices ADPD1081 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 47 of 74
FLOAT MODE
The ADPD1080/ADPD1081 has a unique operating mode,
float mode, that allows excellent SNR at low power in low
light situations. In float mode, the photodiode is first
preconditioned to a known state and then the photodiode
anode is disconnected from the receive path of the ADPD1080/
ADPD1081 for a preset amount of float time. During the float
time, light falls on the photodiode, either from ambient light,
pulsed LED light, or a combination of the two depending on
the operating mode. Charge from the sensor is stored directly
on the capacitance of the sensor. At the end of the float time,
the photodiode switches back into the receive path of the
ADPD1080/ADPD1081 and an inrush of the accumulated
charge occurs, which is subsequently integrated by the integrator
of the ADPD1080/ADPD1081, allowing the maximum amount
of charge to be processed per pulse with the minimum amount
of noise added by the signal path. The charge is integrated
externally on the capacitance of the photodiode for as long as
it takes to acquire maximum charge, independent of the
amplifiers of the signal path, which adds noise to the signal.
Amplifier and ADC noise values are constant for a given
measurement. For optimal SNR, it is desirable to have a greater
amount of signal (charge) per measurement. In normal mode,
because the pulse time is fixed, the charge per measurement can
be increased only by increasing the LED drive current. For high
light conditions, this is sufficient. In low light conditions,
however, there is a limit to the available current. In addition,
high current pulses can cause ground noise in some systems.
Green LEDs have lower efficiency at high currents, and many
battery designs do not deliver high current pulses as efficiently.
Float mode allows the user the flexibility to increase the
amount of charge per measurement by either increasing the
LED drive current or by increasing the float time. This
flexibility is especially useful in low current transfer ratio (CTR)
conditions, for example, 10 nA/mA, where normal mode
requires multiple pulses to achieve an acceptable level of SNR.
In float mode, the signal path bypasses the BPF and uses only
the TIA and integrator. In normal mode, the shape of the pulse
is known (typically either 2 µs or 3 µs) and is consistent across
devices and conditions. The shape of the signal coming through
the BPF is also predictable, which allows a user to align the
integrator timing with the zero-crossing of the filtered signal.
In float mode, the shape of the signal produced by the charge
dump can differ across devices and conditions. A filtered signal
cannot be reliably aligned; therefore, the BPF cannot be used.
In float mode, the entire charge dump is integrated in the
negative cycle of the integrator and the positive cycle cancels
any offsets.
Float Mode Measurement Cycle
Figure 52 shows the float mode measurement cycle timing
diagram, and the following details the points shown:
•
The precondition period is shown prior to Point A. The
photodiode is connected to the TIA, and the photocurrent
flows into the TIA. The photodiode anode is held at 0.9 V
(Register 0x42 and Register 0x44, Bits[5:4] = 0x2 sets
TIA_VREF = 0.9 V). The photodiode is reverse biased
to a maximum reverse bias of ~250 mV by setting
Register 0x54, Bit 7 = 1 and Register 0x54, Bits[9:8] =
0x2 (for Time Slot A). At this point, the output of the TIA
(TIA_OUT) = TIA_VREF − (IPD × RF), where IPD is the
current flowing from the PD into the ADPD1080/
ADPD1081 input, and the integrator is off.
•
At Point A, the photodiode is disconnected from the
receive path. Light continues to fall on the photodiode,
producing a charge that accumulates directly on the
photodiode capacitance. As the charge accumulates, the
voltage at the floating photodiode anode rises. The TIA is
disconnected from the input to the ADPD1080/ADPD1081
so that no current flows through the TIA, and the TIA
output is at TIA_VREF. Just prior to Point B, the integrator
resets to 0. In the Float Mode for Synchronous LED
Measurements section, the LED pulses during the time
period between Point A and Point D. Float times of <4 µs
are not allowed.
•
At Point B, the integrator begins its positive integration
phase. Small dc offsets between the TIA output and the
integrator reference causes the integrator output to ramp
up for positive offsets or ramp down for negative offsets.
The photodiode continues to accumulate charge during
this period.
•
At Point C, the integrator begins its negative integration
phase. This reversal in polarity begins to cancel any signal
caused by offsets. This offset cancellation continues through
Point F, where all offsets are cancelled completely.
•
At Point D, the photodiode switches into the receive path
where all the charge that has accumulated on the photo-
diode capacitance during the float time is dumped into the
TIA. The typical charge dump time is less than 2 µs. As
the current flows through the TIA, the output of the TIA
responds with a large negative signal. Because the integrator
is in the negative integration phase at this point, the output
of the integrator rises as the input current to the device
integrates back to total charge. Between Point D and Point
E, any light incident on the photodiode produces
additional photocurrent, which is immediately integrated
by the integrator as charge.
•
At Point E, the TIA disconnects from the receive path and
the TIA output returns to TIA_VREF. Between Point E
and Point F, the integrator completes the negative
integration phase and cancellation of the offsets.
•
At Point F, the integrator output is held until sampled by
the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com