Electronic Components Datasheet Search
  English  ▼

X  

ADPD1081 Datasheet(PDF) 43 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 39Page - Analog Devices ADPD1081 Datasheet HTML 40Page - Analog Devices ADPD1081 Datasheet HTML 41Page - Analog Devices ADPD1081 Datasheet HTML 42Page - Analog Devices ADPD1081 Datasheet HTML 43Page - Analog Devices ADPD1081 Datasheet HTML 44Page - Analog Devices ADPD1081 Datasheet HTML 45Page - Analog Devices ADPD1081 Datasheet HTML 46Page - Analog Devices ADPD1081 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 43 of 74
TIA ADC MODE
Figure 49 shows a way to put the devices into a mode that
effectively runs the TIA directly into the ADC without using
the analog BPF and integrator. This mode is referred to as TIA
ADC mode. There are two basic applications of TIA ADC mode.
In normal operation, all background light is blocked from the
signal chain and, therefore, cannot be measured. TIA ADC
mode can measure the amount of background and ambient light.
This mode can also measure other dc input currents, such as
leakage resistance.
TIA_VREF
OPTIONAL
BUFFER
–1
TIA
ADC
Figure 49. TIA ADC Mode Block Diagram
When the devices are in TIA ADC mode, the BPF and the
integrator stage are bypassed. This bypass effectively wires the
TIA directly into the ADC. At the set sampling frequency, the
ADC samples Channel 1 through Channel 4 in sequential
order, and each sample is taken at 1 µs intervals.
There are two modes of operation in TIA ADC mode. One
mode is an inverting configuration where TIA ADC mode
directly drives the ADC. This mode is enabled by setting
Register 0x43 (Time Slot A) and/or Register 0x45 (Time Slot B)
to 0xB065, which bypasses the BPF and the integrator. With the
ADC offset register(s) for the desired channel set to 0, and the
bias voltage for the TIA (TIA_VREF) set to 1.265 V, the output
of the ADC is at ~13,000 codes for a single pulse and a zero
input current condition. As the input current from the
photodiode increases, the ADC output decreases toward 0.
This configuration is a legacy TIA ADC mode from the
ADPD103 that is kept in the ADPD1080/ADPD1081 for
backward compatibility.
The recommended TIA ADC mode is one in which the BPF is
bypassed and the integrator is configured as an inverting buffer.
This mode is enabled by writing 0xAE65 to Register 0x43
(Time Slot A) and/or Register 0x45 (Time Slot B) to bypass
the BPF. Additionally, to configure the integrator as a buffer,
set Bit 7 of Register 0x42 (Time Slot A) and/or Register 0x44
(Time Slot B) to 1, and set Bit 7 of Register 0x58 to 1. With
the ADC offset register(s) for the desired channel set to 0
and the TIA_VREF set to 1.265 V, the output of the ADC is
at ~13,000 codes for a single pulse and a zero input current
condition. As the input current from the photodiode increases,
the ADC output decreases toward 0.
When configuring the integrator as a buffer, there is the option
of either using a gain of 1 or a gain of 0.7. Using the gain of 0.7
increases the usable dynamic range at the input to the TIA;
however, it is possible to overrange the ADC in this configuration
and care must be taken to not saturate the ADC. To set the buffer
gain use Register 0x42, Bit 9 for Time Slot A and Register 0x44,
Bit 9 for Time Slot B. Setting this bit to 0 (default) sets a gain of
1. Setting this bit to 1 configures the buffer with a gain of 0.7.
Calculate the ADC output (ADCOUT) as follows:
ADCOUT = 8192 ± (((2 × TIA_VREF − 2 × i × RF − 1.8 V)/
146 µV/LSB) × SLOTx_BUF_GAIN)
(11)
where:
TIA_VREF is the bias voltage for the TIA (the default value is
1.265 V).
i is the input current to the TIA.
RF is the TIA feedback resistor.
SLOTx_BUF_GAIN is either 0.7 or 1 based on the setting of
Register 0x42, Bit 9 and Register 0x44, Bit 9.
Equation 11 is an approximation and does not account for
internal offsets and gain errors. The calculation also assumes
that the ADC offset registers are set to 0
One time slot can be used in TIA ADC mode at the same time
the other time slot is being used in normal pulsed mode. This
capability is useful for monitoring ambient and pulsed signals
at the same time. The ambient signal is monitored during the
time slot configured for TIA ADC mode, while the pulsed
signal, with the ambient signal rejected, is monitored in the
time slot configured for normal mode.
Protecting Against TIA Saturation in Normal Operation
One of the reasons to monitor TIA ADC mode is to protect
against environments that may cause saturation. One concern
when operating in high light conditions, especially with larger
photodiodes, is that the TIA stage may become saturated while
the ADPD1080/ADPD1081 continue to communicate data.
The resulting saturation is not typical. The TIA, based on its
settings, can only handle a certain level of photodiode current.
Based on the way the ADPD1080/ADPD1081 are configured, if
there is a current level from the photodiode that is larger than the
TIA can handle, the TIA output during the LED pulse effectively
extends the current pulse, making it wider. The AFE timing is then
violated because the positive portion of the BPF output extends
into the negative section of the integration window. Thus, the
photo signal is subtracted from itself, causing the output signal
to decrease when the effective light signal increases.
To measure the response from the TIA and verify that this stage
is not saturating, place the device in TIA ADC mode and slightly
modify the timing. Specifically, sweep SLOTx_AFE_OFFSET
until two or three of the four channels reach a minimum value
(note that TIA is in an inverting configuration). The four
channels do not reach this minimum value because, typically, 3 µs
LED pulse widths are used, and the ADC samples the four
channels sequentially at 1 µs intervals. This procedure aligns the
ADC sampling time with the LED pulse to measure the total
amount of light falling on the photodetector (for example,
background light + LED pulse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com